Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 38 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 34Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 35Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 36Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 37Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 38Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 39Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 40Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 41Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 97 page
background image
DRV835xF
VDRAIN
VM
Power
MOSFETs
48-V
Power
Supply
48-V to 15-V
DC/DC
Figure 8-18. Dual Supply Example
8.3.1.4 Smart Gate Drive Architecture
The DRV835xF gate drivers use an adjustable, complimentary, push-pull topology for both the high-side and
low-side drivers. This topology allows for both a strong pullup and pulldown of the external MOSFET gates.
Additionally, the gate drivers use a smart gate-drive architecture to provide additional control of the external
power MOSFETs, take additional steps to protect the MOSFETs, and allow for optimal tradeoffs between
efficiency and robustness. This architecture is implemented through two components called IDRIVE and TDRIVE
which are detailed in the Section 8.3.1.4.1 section and Section 8.3.1.4.2 section. Figure 8-19 shows the high-
level functional block diagram of the gate driver.
The IDRIVE gate-drive current and TDRIVE gate-drive time should be initially selected based on the parameters
of the external power MOSFET used in the system and the desired rise and fall times (see the Section 9
section).
The high-side gate driver also implements a Zener clamp diode to help protect the external MOSFET gate from
overvoltage conditions in the case of external short-circuit events on the MOSFET.
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
www.ti.com
38
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com