Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 7Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 8Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 9Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 10Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 11Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 12Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 13Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 14Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as
±2000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±500
V may actually have higher performance.
7.3 Recommended Operating Conditions
at TA = –40°C to +125°C (unless otherwise noted)
MIN
MAX
UNIT
GATE DRIVER
VVM
Gate driver power supply voltage (VM)
9
75
V
VVDRAIN
Charge pump reference and drain voltage sense (VDRAIN)
7
100
V
VI
Input voltage (ENABLE, GAIN, IDRIVE, INHx, INLx, MODE, nSCS, SCLK, SDI, VDS)
0
5.5
V
fPWM
Applied PWM signal (INHx, INLx)
0
200(1)
kHz
tSH
Switch-node slew rate range (SHx)
0
2
V/ns
IGATE_HS
High-side average gate-drive current (GHx)
0
25(1)
mA
IGATE_LS
Low-side average gate-drive current (GLx)
0
25(1)
mA
IDVDD
External load current (DVDD)
0
10(1)
mA
VVREF
Reference voltage input (VREF)
3
5.5
V
ISO
Shunt amplifier output current (SOx)
0
5
mA
VOD
Open drain pullup voltage (nFAULT, SDO)
0
5.5
V
IOD
Open drain output current (nFAULT, SDO)
0
5
mA
BUCK REGULATOR
VVIN
Power supply voltage (VIN)
6
95
V
DRV835xF
TA
Operating ambient temperature
–40
125
°C
TJ
Operating junction temperature
–40
150
°C
(1)
Power dissipation and thermal limits must be observed.
7.4 Thermal Information
THERMAL METRIC(1)
DRV8350F
DRV8353F
DRV835xRF
UNIT
RTV (WQFN)
RTA (WQFN)
RGZ (VQFN)
32 PINS
40 PINS
48 PINS
RθJA
Junction-to-ambient thermal resistance
29.2
26.1
24.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
15.2
13.1
12.0
°C/W
RθJB
Junction-to-board thermal resistance
9.2
8.4
7.1
°C/W
ψJT
Junction-to-top characterization parameter
0.1
0.1
0.1
°C/W
ψJB
Junction-to-board characterization parameter
9.2
8.4
7.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.2
1.1
0.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com