Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 87 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 83Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 84Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 85Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 86Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 87Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 88Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 89Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 90Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 97 page
background image
11 Layout
11.1 Layout Guidelines
Bypass the VM pin to the GND pin using a low-ESR ceramic bypass capacitor with a recommended value of 0.1
µF. Place this capacitor as near to the VM pin as possible with a thick trace or ground plane connected to the
GND pin. Additionally, bypass the VM pin using a bulk capacitor rated for VM. This component can be
electrolytic. This capacitance must be at least 10 µF.
Additional bulk capacitance is required to bypass the high current path on the external MOSFETs. This bulk
capacitance should be placed such that it minimizes the length of any high current paths through the external
MOSFETs. The connecting metal traces should be as wide as possible, with numerous vias connecting PCB
layers. These practices minimize inductance and allow the bulk capacitor to deliver high current.
Place a low-ESR ceramic capacitor between the CPL and CPH pins. This capacitor should be 47 nF, rated for
VDRAIN, and be of type X5R or X7R. Additionally, place a low-ESR ceramic capacitor between the VCP and
VDRAIN pins and VGLS and GNDs. These capacitors should be 1 µF, rated for 16 V, and be of type X5R or
X7R.
Bypass the DVDD pin to the GND/DGND pin with a 1-µF low-ESR ceramic capacitor rated for 6.3 V and of type
X5R or X7R. Place this capacitor as near to the pin as possible and minimize the path from the capacitor to the
GND/DGND pin.
The VDRAIN pin can be shorted directly to the VM pin for single supply application configurations. However, if a
significant distance is between the device and the external MOSFETs, use a dedicated trace to connect to the
common point of the drains of the high-side external MOSFETs. Do not connect the SLx pins directly to GND.
Instead, use dedicated traces to connect these pins to the sources of the low-side external MOSFETs. These
recommendations allow for more accurate VDS sensing of the external MOSFETs for overcurrent detection.
Minimize the loop length for the high-side and low-side gate drivers. The high-side loop is from the GHx pin of
the device to the high-side power MOSFET gate, then follows the high-side MOSFET source back to the SHx
pin. The low-side loop is from the GLx pin of the device to the low-side power MOSFET gate, then follows the
low-side MOSFET source back to the SPx/SLx pins.
11.1.1 Buck-Regulator Layout Guidelines
Layout is a critical portion of good power supply design. The following guidelines will help users design a PCB
with the best power conversion performance, thermal performance, and minimized generation of unwanted EMI:
• Put the feedback network resistors near the FB pin and away from the inductor to minimize coupling noise
into the feedback pin.
• Put the input bypass capacitor near the VIN pin to decrease copper trace resistance which effects input
voltage ripple of the device.
• Put the inductor near the SW pin to decrease magnetic and electrostatic noise.
• Put the output capacitor near the junction of the inductor and the diode. The inductor, diode, and COUT trace
should be as short as possible to decrease conducted and radiated noise and increase overall efficiency.
• Make the ground connection for the diode, CVIN, and COUT as small as possible and tie it to the system
ground plane in only one spot (preferably at the COUT ground point) to minimize conducted noise in the
system ground plane.
For more detail on switching power supply layout considerations refer to the AN-1149 Layout Guidelines for
Switching Power Supplies application report.
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com