Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 71 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 67Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 68Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 69Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 70Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 71Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 72Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 73Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 74Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
8.6.2.5 CSA Control Register (DRV8353F and DRV8353RF DRV8353F-Q1 and DRV8353RF-Q1 Only)
(address = 0x06h)
The CSA control register is shown in Figure 8-48 and described in Table 8-18.
Register access type: Read/Write
This register is only available with the DRV8353xF DRV8353x-Q1 family of devices.
Figure 8-48. CSA Control Register
10
9
8
7
6
5
4
3
2
1
0
CSA
_FET
VREF
_DIV
LS
_REF
CSA
_GAIN
DIS
_SEN
CSA
_CAL_A
CSA
_CAL_B
CSA
_CAL_C
SEN
_LVL
R/W-0b
R/W-1b
R/W-0b
R/W-10b
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R/W-11b
Table 8-18. CSA Control Field Descriptions
Bit
Field
Type
Default
Description
10
CSA_FET
R/W
0b
0b = Sense amplifier positive input is SPx
1b = Sense amplifier positive input is SHx (also automatically
sets the LS_REF bit to 1)
9
VREF_DIV
R/W
1b
0b = Sense amplifier reference voltage is VREF (unidirectional
mode)
1b = Sense amplifier reference voltage is VREF divided by 2
8
LS_REF
R/W
0b
0b = VDS_OCP for the low-side MOSFET is measured
across SHx to SPx
1b = VDS_OCP for the low-side MOSFET is measured across
SHx to SNx
7-6
CSA_GAIN
R/W
10b
00b = 5-V/V shunt amplifier gain
01b = 10-V/V shunt amplifier gain
10b = 20-V/V shunt amplifier gain
11b = 40-V/V shunt amplifier gain
5
DIS_SEN
R/W
0b
0b = Sense overcurrent fault is enabled
1b = Sense overcurrent fault is disabled
4
CSA_CAL_A
R/W
0b
0b = Normal sense amplifier A operation
1b = Short inputs to sense amplifier A for offset calibration
3
CSA_CAL_B
R/W
0b
0b = Normal sense amplifier B operation
1b = Short inputs to sense amplifier B for offset calibration
2
CSA_CAL_C
R/W
0b
0b = Normal sense amplifier C operation
1b = Short inputs to sense amplifier C for offset calibration
1-0
SEN_LVL
R/W
11b
00b = Sense OCP 0.25 V
01b = Sense OCP 0.5 V
10b = Sense OCP 0.75 V
11b = Sense OCP 1 V
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com