Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 4Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 5Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 6Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 7Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 8Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 9Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 10Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 11Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
1
GND
36
INHB
2
VGLS
35
INLA
3
CPL
34
INHA
4
CPH
33
ENABLE
5
VM
32
GAIN
6
VDRAIN
31
VDS
7
VCP
30
IDRIVE
8
GHA
29
MODE
9
SHA
28
nFAULT
10
GLA
27
AGND
11
SPA
26
VREF
12
SNA
25
SOA
Not to scale
Thermal
Pad
Figure 6-7. DRV8353RFH RGZ Package 48-Pin
VQFN With Exposed Thermal Pad Top View
1
GND
36
INHB
2
VGLS
35
INLA
3
CPL
34
INHA
4
CPH
33
ENABLE
5
VM
32
nSCS
6
VDRAIN
31
SCLK
7
VCP
30
SDI
8
GHA
29
SDO
9
SHA
28
nFAULT
10
GLA
27
AGND
11
SPA
26
VREF
12
SNA
25
SOA
Not to scale
Thermal
Pad
Figure 6-8. DRV8353RFS RGZ Package 48-Pin
VQFN With Exposed Thermal Pad Top View
Pin Functions—48-Pin DRV8353FR Devices
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DRV8353RFH
DRV8353RFS
AGND
27
27
PWR
Device analog ground. Connect to system ground.
BST
45
45
PWR
Buck regulator bootstrap input. Connect a X5R or X7R, 0.01-µF, 16-V, capacitor between the BST and SW pins.
CPH
4
4
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, VDRAIN-rated ceramic capacitor between the CPH and CPL
pins.
CPL
3
3
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, VDRAIN-rated ceramic capacitor between the CPH and CPL
pins.
DGND
41
41
PWR
Device ground. Connect to system ground.
DVDD
40
40
PWR
5-V internal regulator output. Connect a X5R or X7R, 1-µF, 6.3-V ceramic capacitor between the DVDD and DGND pins. This
regulator can source up to 10 mA externally.
ENABLE
33
33
I
Gate driver enable. When this pin is logic low the device goes to a low power sleep mode. An 8 to 40-µs low pulse can be
used to reset fault conditions.
FB
48
48
I
Buck feedback input. A resistor divider from the buck post inductor output to this pin sets the buck output voltage.
GAIN
32
—
I
Amplifier gain setting. The pin is a 4 level input pin set by an external resistor.
GND
1
1
PWR
Device power ground. Connect to system ground.
GHA
8
8
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHB
17
17
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHC
18
18
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GLA
10
10
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLB
15
15
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLC
20
20
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
IDRIVE
30
—
I
Gate drive output current setting. This pin is a 7 level input pin set by an external resistor.
INHA
34
34
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHB
36
36
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHC
38
38
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INLA
35
35
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLB
37
37
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLC
39
39
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
MODE
29
—
I
PWM input mode setting. This pin is a 4 level input pin set by an external resistor.
nFAULT
28
28
OD
Fault indicator output. This pin is pulled logic low during a fault condition and requires an external pullup resistor.
nSCS
—
32
I
Serial chip select. A logic low on this pin enables serial interface communication.
RCL
46
46
I
Current limit off time set input. Connect a resistor between RCL and GND.
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com