Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 89 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 85Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 86Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 87Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 88Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 89Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 90Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 91Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 92Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 97 page
background image
12 Device and Documentation Support
12.1 Device Support
12.1.1 Device Nomenclature
The following figure shows a legend for interpreting the complete device name:
(RGZ)
(5)
DRV83
Prefix
DRV83 ± Three Phase Brushless DC
(3)
(R)
Tape and Reel
R ± Tape and Reel
T ± Small Tape and Reel
Package
RTV ± 5 × 5 × 0.75 mm QFN
RTA ± 6 x 6 × 0.75 mm QFN
RGZ ± 7 × 7 × 0.9 mm QFN
Series
5 ± 100 V device
(R)
Sense amplifiers
0 ± No sense amplifiers
3 ± 3x sense amplifiers
Buck Regulator
[blank] ± No buck regulator
R ± Buck regulator
(S)
Interface
S ± SPI interface
H ± Hardware interface
12.2 Documentation Support
12.2.1 Related Documentation
For related documentation, refer to:
• Texas Instruments, DRV8353Rx-EVM User’s Guide user's guide
• Texas Instruments, DRV8353Rx-EVM GUI User’s Guide
• Texas Instruments, DRV8353Rx-EVM InstaSPIN™ Software Quick Start Guide
• Texas Instruments, DRV8350x-EVM User’s Guide user's guide
• Texas Instruments, DRV8350x-EVM GUI User’s Guide user's guide
• Texas Instruments, DRV8350x-EVM Sensorless Software User's Guide user's guide
• Texas Instruments, DRV8350x-EVM Sensored Software User's Guide user's guide
• Texas Instruments, LM5008A 100-V 350-mA Constant On-Time Buck Switching Regulator data sheet
• Texas Instruments, CSD19535KCS 100 V N-Channel NexFET™ Power MOSFET data sheet
• Texas Instruments, Understanding IDRIVE and TDRIVE In TI Motor Gate Drivers application report
• Texas Instruments, Motor Drive Protection with TI Smart Gate Drive TI TechNote
• Texas Instruments, Reduce Motor Drive BOM and PCB Area with TI Smart Gate Drive TI TechNote
• Texas Instruments, Reducing EMI Radiated Emissions with TI Smart Gate Drive TI TechNote
• Texas Instruments, Hardware Design Considerations for an Efficient Vacuum Cleaner using BLDC Motor
• Texas Instruments, Hardware Design Considerations for an Electric Bicycle using BLDC Motor
• Texas Instruments, Industrial Motor Drive Solution Guide
• Texas Instruments, Layout Guidelines for Switching Power Supplies application report
• Texas Instruments, QFN/SON PCB Attachment application report
• Texas Instruments, Sensored 3-Phase BLDC Motor Control Using MSP430™ application report
• Texas Instruments, AN-1149 Layout Guidelines for Switching Power Supplies application report
www.ti.com
DRV8350F, DRV8353F, DRV8350RF, DRV8353RF
SLVSFV1 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: DRV8350F DRV8353F DRV8350RF DRV8353RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com