Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 376 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 376 Page - NEC

Back Button VR4102 Datasheet HTML 372Page - NEC VR4102 Datasheet HTML 373Page - NEC VR4102 Datasheet HTML 374Page - NEC VR4102 Datasheet HTML 375Page - NEC VR4102 Datasheet HTML 376Page - NEC VR4102 Datasheet HTML 377Page - NEC VR4102 Datasheet HTML 378Page - NEC VR4102 Datasheet HTML 379Page - NEC VR4102 Datasheet HTML 380Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 701 page
background image
CHAPTER 18 GIU (GENERAL PURPOSE I/O UNIT)
376
18.2.14 GIUINTHTSELH (0x0B00 011A)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
INTH[31]
INTH[30]
INTH[29]
INTH[28]
INTH[27]
INTH[26]
INTH[25]
INTH[24]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
INTH[23]
INTH[22]
INTH[21]
INTH[20]
INTH[19]
INTH[18]
INTH[17]
INTH[16]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15..0]
INTH[31..16]
GPIO pin interrupt signal hold/through
1 : Hold
0 : Through
This register is used to set whether or not interrupt signals to the GPIO pins should be held. The INTH[31..16]
bits correspond to the GPIO[31..16] pins.
When “1” is set to the corresponding INTH bit, any interrupt signal input to the corresponding GPIO pin is held.
When “0” is set to this bit, any interrupt signal input to the corresponding GPIO pin is not held and is instead
allowed to pass through.
Any held interrupt signal is cleared when “1” is set to the corresponding bit in the GIUINTSTATH register (GPIO
Interrupt Status Register).
INTH[31..16] are not affected by GIUINTENH (interrupt enable register).
If “1” (hold) is set to the INTH bit while the interrupt enable bit is set to prohibit interrupts, any change in the pin
state is retained as change data. Therefore, an interrupt still occurs when the interrupt enable bit is again set to
enable interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com