Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 373 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 373 Page - NEC

Back Button VR4102 Datasheet HTML 369Page - NEC VR4102 Datasheet HTML 370Page - NEC VR4102 Datasheet HTML 371Page - NEC VR4102 Datasheet HTML 372Page - NEC VR4102 Datasheet HTML 373Page - NEC VR4102 Datasheet HTML 374Page - NEC VR4102 Datasheet HTML 375Page - NEC VR4102 Datasheet HTML 376Page - NEC VR4102 Datasheet HTML 377Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 701 page
background image
CHAPTER 18 GIU (GENERAL PURPOSE I/O UNIT)
373
18.2.11 GIUINTALSELL (0x0B00 0114)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
INTL[15]
INTL[14]
INTL[13]
INTL[12]
INTL[11]
INTL[10]
INTL[9]
INTL[8]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
INTL[7]
INTL[6]
INTL[5]
INTL[4]
INTL[3]
INTL[2]
INTL[1]
INTL[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15..0]
INTL[15..0]
Interrupt setting during level detection method
1 : High active
0 : Low active
This register is used to set the active level when using the level detection method for interrupts to GPIO pins. The
INTL[15..0] bits correspond to the GPIO[15..0] pins.
When “1” is set to the corresponding INTL bit, the high-active level detection method is used for interrupts at the
corresponding GPIO pin. The low-active level detection method is used when “0” is set to this bit.
The contents of this register are not reflected when the edge detection method is selected via the GIUINTTYPL
register (GPIO Interrupt Type (Edge or Level) Select Register). When using this register, be sure to set the level
detection method via the GIUINTTYPL register (GPIO Interrupt Type (Edge or Level) Select Register).
Caution
The function of GPIO[15] is fixed as DCD# signal input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com