Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 371 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 371 Page - NEC

Back Button VR4102 Datasheet HTML 367Page - NEC VR4102 Datasheet HTML 368Page - NEC VR4102 Datasheet HTML 369Page - NEC VR4102 Datasheet HTML 370Page - NEC VR4102 Datasheet HTML 371Page - NEC VR4102 Datasheet HTML 372Page - NEC VR4102 Datasheet HTML 373Page - NEC VR4102 Datasheet HTML 374Page - NEC VR4102 Datasheet HTML 375Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 701 page
background image
CHAPTER 18 GIU (GENERAL PURPOSE I/O UNIT)
371
18.2.9 GIUINTTYPL (0x0B00 0110)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
INTT[15]
INTT[14]
INTT[13]
INTT[12]
INTT[11]
INTT[10]
INTT[9]
INTT[8]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
INTT[7]
INTT[6]
INTT[5]
INTT[4]
INTT[3]
INTT[2]
INTT[1]
INTT[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15..0]
INTT[15..0]
Interrupt detection method
1 : Edge
0 : Level
This register is used to set the detection method (trigger) for interrupts to GPIO pins.
The INTT[15..0] bits
correspond to the GPIO[15..0] pins.
When “1” is set to the corresponding INTT bit, the edge detection method is used for the interrupt signal at the
corresponding GPIO pin (an interrupt is triggered when the signal state changes from low to high or from high to
low).
The level detection method is used when “0” is set, in which case the level set to corresponding bit in the
GIUINTALSELL register (GPIO Interrupt Active Level Select Register) is detected.
Caution
The function of GPIO[15] is fixed as DCD# signal input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com