Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 409 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 409 Page - NEC

Back Button VR4102 Datasheet HTML 405Page - NEC VR4102 Datasheet HTML 406Page - NEC VR4102 Datasheet HTML 407Page - NEC VR4102 Datasheet HTML 408Page - NEC VR4102 Datasheet HTML 409Page - NEC VR4102 Datasheet HTML 410Page - NEC VR4102 Datasheet HTML 411Page - NEC VR4102 Datasheet HTML 412Page - NEC VR4102 Datasheet HTML 413Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 701 page
background image
409
CHAPTER 20 AIU (AUDIO INTERFACE UNIT)
This chapter describes the AIU’s operations and register settings.
20.1 GENERAL
The AIU supports speaker output and MIC input operations. It is also used to set the A/D and D/A converter
operations.
20.2 REGISTER SET
The AIU registers are listed below.
Table 20-1. AIU Registers
Address
R/W
Register Symbols
Function
0x0B00 0160
R/W
MDMADATREG
Mike DMA Data Register
0x0B00 0162
R/W
SDMADATREG
Speaker DMA Data Register
0x0B00 0166
R/W
SODATREG
Speaker Output Data Register
0x0B00 0168
R/W
SCNTREG
Speaker Output Control Register
0x0B00 016A
R/W
SCNVRREG
Speaker Conversion Rate Register
0x0B00 0170
R/W
MIDATREG
Mike Input Data Register
0x0B00 0172
R/W
MCNTREG
Mike Input Control Register
0x0B00 0174
R/W
MCNVRREG
Mike Conversion Rate Register
0x0B00 0178
R/W
DVALIDREG
Data Valid Register
0x0B00 017A
R/W
SEQREG
Sequential Register
0x0B00 017C
R/W
INTREG
Interrupt Register
These registers are described in detail below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com