Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 414 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 414 Page - NEC

Back Button VR4102 Datasheet HTML 410Page - NEC VR4102 Datasheet HTML 411Page - NEC VR4102 Datasheet HTML 412Page - NEC VR4102 Datasheet HTML 413Page - NEC VR4102 Datasheet HTML 414Page - NEC VR4102 Datasheet HTML 415Page - NEC VR4102 Datasheet HTML 416Page - NEC VR4102 Datasheet HTML 417Page - NEC VR4102 Datasheet HTML 418Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 701 page
background image
CHAPTER 20 AIU (AUDIO INTERFACE UNIT)
414
20.2.5 SCNVRREG (0x0B00 016A)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
Reserved
Reserved
Reserved
SCNVR[2]
SCNVR[1]
SCNVR[0]
R/W
R
R
R
R
R
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15:3]
Reserved
Write 0 when writing. 0 is returned after a read.
D[2:0]
SCNVR[2:0]
D/A Conversion Rate
111 : RFU
:
101 : RFU
100 : 8 ksps
011 : RFU
010 : 44.1 ksps
001 : 22.05 ksps
000 : 11.025 ksps
This register is used to select a conversion rate for the D/A converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com