Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 428 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 428 Page - NEC

Back Button VR4102 Datasheet HTML 424Page - NEC VR4102 Datasheet HTML 425Page - NEC VR4102 Datasheet HTML 426Page - NEC VR4102 Datasheet HTML 427Page - NEC VR4102 Datasheet HTML 428Page - NEC VR4102 Datasheet HTML 429Page - NEC VR4102 Datasheet HTML 430Page - NEC VR4102 Datasheet HTML 431Page - NEC VR4102 Datasheet HTML 432Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 701 page
background image
CHAPTER 21 KIU (KEYBOARD INTERFACE UNIT)
428
Details of the status of the KIU sequencer are described below.
• Scanning:
This is the state where the scan sequencer performs key scan to load key data.
• Interval next scan:
This is the state where the scan of a set of key data
Note has completed and waiting for
the start of the next key scan. The interval after the completion of the scan of a set of
key data until the start of the next scan is set on the KIUWKIREG.
Note The number of data bits depends on the number of KSCAN pins used as below.
The number of KSCAN pins is set in SCANLINE register.
KSCAN pins
Number of data bits
8
64 bits
10
80 bits
12
96 bits
• Wait Key in:
This is the state of waiting for key input in the key auto scan mode. When the scan
sequencer is enabled while ATSCAN bit of KIUSCANREP register is set to 1, the
VR4102 waits for key input in this state. In this case, all outputs of the KSCAN pins
Note
are in high level.
When shifting the CPU to Suspend mode (or Standby mode with
TClock masked), be sure to set the KIU to the auto scan mode before the shift and
confirm that the sequencer in the Wait key in state.
Note The number of pins is set in LINE[1..0] bits of SCANLINE register as below.
LINE[1..0]
Number of KSCAN pins
10
8
01
10
00
12
• Stopped:
This is the state where the sequencer is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com