Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 429 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 429 Page - NEC

Back Button VR4102 Datasheet HTML 425Page - NEC VR4102 Datasheet HTML 426Page - NEC VR4102 Datasheet HTML 427Page - NEC VR4102 Datasheet HTML 428Page - NEC VR4102 Datasheet HTML 429Page - NEC VR4102 Datasheet HTML 430Page - NEC VR4102 Datasheet HTML 431Page - NEC VR4102 Datasheet HTML 432Page - NEC VR4102 Datasheet HTML 433Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 701 page
background image
CHAPTER 21 KIU (KEYBOARD INTERFACE UNIT)
429
21.2.4 KIUWKS (0x0B00 0194)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
T3CNT[4]
T3CNT[3]
T3CNT[2]
T3CNT[1]
T3CNT[0]
T2CNT[4]
T2CNT[3]
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
1
1
1
1
1
1
1
Other resets
0
1
1
1
1
1
1
1
Bit
D7
D6D5
D4D3D2
D1
D0
Name
T2CNT[2]
T2CNT[1]
T2CNT[0]
T1CNT[4]
T1CNT[3]
T1CNT[2]
T1CNT[1]
T1CNT[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
1
1
1
1
1
1
1
1
Other resets
1
1
1
1
1
1
1
1
Bit
Name
Function
D[15]
Reserved
Write 0 when writing. 0 is returned after a read.
D[14..10]
T3CNT[4..0]
Wait time setting ((T3CNT[4..0] + 1) * 30
Ps)
11111 : 960
Ps
:
00001 : 60
Ps
00000 : RFU
D[9..5]
T2CNT[4..0]
Off time setting ((T2CNT[4..0] + 1) * 30
Ps)
11111 : 960
Ps
:
00001 : 60
Ps
00000 : RFU
D[4..0]
T1CNT[4..0]
Stabilization time setting ((T1CNT[4..0] + 1) * 30
Ps)
11111 : 960
Ps
:
00001 : 60
Ps
00000 : RFU
This register is used to set the wait time between when the key scan sequencer sets the KSCAN pin “High” during
a key matrix scan and when the status is read from the KPORT pin.
The T1CNT bit is used to set the stabilization time between when voltage is applied to the KSCAN pin and when
the key scan data is read.
The T2CNT bit is used to set the time between when the key data is read and when voltage applied to the
KSCAN pin is set to “OFF”.
The T3CNT bit is used to set the time between when voltage applied to the KSCAN pin is set to “OFF” and when
voltage can be again applied to the KSCAN pin.
The status of output from the KSCAN pins and the timing of KPORT sampling are shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com