Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 425 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 425 Page - NEC

Back Button VR4102 Datasheet HTML 421Page - NEC VR4102 Datasheet HTML 422Page - NEC VR4102 Datasheet HTML 423Page - NEC VR4102 Datasheet HTML 424Page - NEC VR4102 Datasheet HTML 425Page - NEC VR4102 Datasheet HTML 426Page - NEC VR4102 Datasheet HTML 427Page - NEC VR4102 Datasheet HTML 428Page - NEC VR4102 Datasheet HTML 429Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 701 page
background image
CHAPTER 21 KIU (KEYBOARD INTERFACE UNIT)
425
21.2.2 KIUSCANREP (0x0B00 0190)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
KEYEN
Reserved
Reserved
Reserved
Reserved
Reserved
STPREP[5]
STPREP[4]
R/W
R/W
RR
RRR
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
STPREP[3]
STPREP[2]
STPREP[1]
STPREP[0]
SCANSTP
SCANSTART
ATSTP
ATSCAN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
1
Other resets
0
0
0
0
0
0
0
1
Bit
Name
Function
D[15]
KEYEN
Key scan
1 : Enable
0 : Prohibit
D[14..10]
Reserved
Write 0 when writing. 0 is returned after a read.
D[9..4]
STPREP[5..0]
Key scan sequencer stop count setting
111111 : 63 times
:
000001 : 1 time
000000 : 64 times
D[3]
SCANSTP
Key scan stop
1 : Stop
0 : Operate
D[2]
SCANSTART
Key scan start
1 : Start
0 : Stop
D[1]
ATSTP
Key auto stop setting
1 : Auto stop
0 : Not auto stop
D[0]
ATSCAN
Key auto scan setting
1 : Auto scan
0 : Not auto scan
This register is used to enable operation of the key scan unit and to make settings for key scan and the key scan
sequencer.
• Key scan sequencer stop count setting
This sets the number of key scan sequencer stops when no keys are being pressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com