Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 421 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 421 Page - NEC

Back Button VR4102 Datasheet HTML 417Page - NEC VR4102 Datasheet HTML 418Page - NEC VR4102 Datasheet HTML 419Page - NEC VR4102 Datasheet HTML 420Page - NEC VR4102 Datasheet HTML 421Page - NEC VR4102 Datasheet HTML 422Page - NEC VR4102 Datasheet HTML 423Page - NEC VR4102 Datasheet HTML 424Page - NEC VR4102 Datasheet HTML 425Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 701 page
background image
CHAPTER 20 AIU (AUDIO INTERFACE UNIT)
421
20.3 OPERATION SEQUENCE
20.3.1 Output (Speaker)
1.
Set conversion rate (0x0B00 016A: SCNVR = arbitrary)
2.
Set output data area to DMAAU
3.
DMA enable in DCU
4.
Set D/A converter’s Vref to ON (0x0B00 0168: DAENAIU = 1)
5.
Wait for Vref resistor stabilization time (about 5
Ps) (use the RTC counter)
Even if speaker power is set to ON without waiting for Vref resistor stabilization time and speaker
operation is enabled, speaker output starts after the period calculated with the formula below.
5 + 1/conversion rate (44.1, 22.05, 11.025, or 8) (
Ps)
6.
Set speaker power ON via GPIO.
7.
Speaker operation enable (0x0B00 017A: AIUSEN = 1)
DMA request
Receive acknowledge and DMA data from DMA
0x0B00 0178: SDMAV = SODATV = 1
Output 10-bit data (0x0B00 0166: SODAT) to D/A converter
SODATV = 0, SDMAV = 1
Send SDMADATREG data to SODATREG
SODATV = 1, SDMAV = 0
Output DMA request and store the second data to SDMADATREG
SODATV = 1, SDMAV = 1
Refresh data at each conversion timing interval (becomes SIDLEINTR = 1 when DMA is slow and
SODATV = 0 during conversion timing interval, and (mute) interrupt occurs)
DMA page boundary interrupt occurs at page boundary
Page interrupt is cleared when output continues
8.
Speaker operation to disable (0x0B00 017A: AIUSEN = 0)
9.
Set speaker power OFF via GPIO.
10. Set D/A converter’s Vref to OFF (0x0B00 0168: DAENAIU = 0)
11. DMA disable in DCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com