Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 423 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 423 Page - NEC

Back Button VR4102 Datasheet HTML 419Page - NEC VR4102 Datasheet HTML 420Page - NEC VR4102 Datasheet HTML 421Page - NEC VR4102 Datasheet HTML 422Page - NEC VR4102 Datasheet HTML 423Page - NEC VR4102 Datasheet HTML 424Page - NEC VR4102 Datasheet HTML 425Page - NEC VR4102 Datasheet HTML 426Page - NEC VR4102 Datasheet HTML 427Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 701 page
background image
423
CHAPTER 21 KIU (KEYBOARD INTERFACE UNIT)
This chapter describes the KIU’s operations and register settings.
21.1 GENERAL
The KIU includes 12 scan lines and 8 detection lines. The number of key inputs to be detected can be selected
from 96/80/64, by switching the number of scan lines from 12/10/8.
The register can be set to enable the 12 scan lines to be used as a general-purpose output port.
21.2 REGISTER SET
The KIU registers are listed below.
Table 21-1. KIU Registers
Address
R/W
Register Symbols
Function
0x0B00 0180
R/W
KIUDAT0
KIU Data0 Register
0x0B00 0182
R/W
KIUDAT1
KIU Data1 Register
0x0B00 0184
R/W
KIUDAT2
KIU Data2 Register
0x0B00 0186
R/W
KIUDAT3
KIU Data3 Register
0x0B00 0188
R/W
KIUDAT4
KIU Data4 Register
0x0B00 018A
R/W
KIUDAT5
KIU Data5 Register
0x0B00 0190
R/W
KIUSCANREP
KIU Scan/Repeat Register
0x0B00 0192
R
KIUSCANS
KIU Scan Status Register
0x0B00 0194
R/W
KIUWKS
KIU Wait Keyscan Stable Register
0x0B00 0196
R/W
KIUWKI
KIU Wait Keyscan Interval Register
0x0B00 0198
R/W
KIUINT
KIU Interrupt Register
0x0B00 019A
W
KIURST
KIU Reset Register
0x0B00 019C
R/W
KIUGPEN
KIU General Purpose Output Enable
0x0B00 019E
R/W
SCANLINE
KIU Scan Line Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com