Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 422 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 422 Page - NEC

Back Button VR4102 Datasheet HTML 418Page - NEC VR4102 Datasheet HTML 419Page - NEC VR4102 Datasheet HTML 420Page - NEC VR4102 Datasheet HTML 421Page - NEC VR4102 Datasheet HTML 422Page - NEC VR4102 Datasheet HTML 423Page - NEC VR4102 Datasheet HTML 424Page - NEC VR4102 Datasheet HTML 425Page - NEC VR4102 Datasheet HTML 426Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 701 page
background image
CHAPTER 20 AIU (AUDIO INTERFACE UNIT)
422
20.3.2 Input (MIC)
1.
Set conversion rate (0x0B00 0174: MCNVR = arbitrary)
2.
Set input data area in DMAAU
3.
DMA enable in DCU
4.
Set A/D converter’s Vref to ON (0x0B00 0172: ADENAIU = 1)
MIC power can be set ON and MIC operation can be enabled without waiting for Vref resistor
stabilization time (about 5
Ps). However, in such a case, sampling starts after the period calculated
with the formula below.
5 + 1/conversion rate (44.1, 22.05, 11.025, or 8) (
Ps)
5.
Set MIC power ON via GPIO.
6.
MIC operation enable (0x0B00 017A: AIUMEN = 1)
Output A/D request (ADREQAIU) to A/D converter
Return acknowledge (aiuadack) and 10-bit conversion data from A/D converter
Store data in MIDATREG
0x0B00 0178: MDMAV = 0, MIDATV = 1
Transfer data from MIDATREG to MDMADATREG
MDMAV = 1, MIDATV = 0
The INTMST value becomes “1” and an interrupt (receive complete) occurs
Issue DMA request and store MIDMADATREG data to memory.
MDMAV = 0, MIDATV = 0
An A/D request is issued once per conversion timing interval and 10-bit data is received (becomes
MIDLEINTR = 1 when DMA is slow and MIDATV = 1 during conversion timing interval, and (data loss)
interrupt occurs)
DMA page boundary interrupt occurs at page boundary
(Page interrupt is cleared when output continues)
7.
MIC operation to disable (0x0B00 017A: AIUMEN = 0)
8.
Set MIC power OFF via GPIO
9.
Set A/D converter’s Vref to OFF (0x0B00 0172: AIUADEN = 0)
10. DMA disable in DCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com