Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 426 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 426 Page - NEC

Back Button VR4102 Datasheet HTML 422Page - NEC VR4102 Datasheet HTML 423Page - NEC VR4102 Datasheet HTML 424Page - NEC VR4102 Datasheet HTML 425Page - NEC VR4102 Datasheet HTML 426Page - NEC VR4102 Datasheet HTML 427Page - NEC VR4102 Datasheet HTML 428Page - NEC VR4102 Datasheet HTML 429Page - NEC VR4102 Datasheet HTML 430Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 701 page
background image
CHAPTER 21 KIU (KEYBOARD INTERFACE UNIT)
426
• Key scan stop
When the SCANSTP bit is set to “1”, the key scan sequencer stops. However, if this bit is set to “1” during a
key scan operation, the key scan sequencer stops after the current set of key data is received.
• Key scan start
When the SCANSTART bit is set to “1”, the key scan sequencer starts regardless of key contact detection.
• Key scan auto stop setting
When the ATSTOP bit is set to “1”, the key scan sequencer stops automatically when the data remains all
zeros for the number of key scan times specified by STOPREP.
• Key auto scan setting
When the ATSCAN bit is set to “1”, the key scan operation automatically starts after key contact is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com