Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 419 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 419 Page - NEC

Back Button VR4102 Datasheet HTML 415Page - NEC VR4102 Datasheet HTML 416Page - NEC VR4102 Datasheet HTML 417Page - NEC VR4102 Datasheet HTML 418Page - NEC VR4102 Datasheet HTML 419Page - NEC VR4102 Datasheet HTML 420Page - NEC VR4102 Datasheet HTML 421Page - NEC VR4102 Datasheet HTML 422Page - NEC VR4102 Datasheet HTML 423Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 701 page
background image
CHAPTER 20 AIU (AUDIO INTERFACE UNIT)
419
20.2.10 SEQREG (0x0B00 017A)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
AIURST
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R/W
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
Reserved
AIUMEN
Reserved
Reserved
Reserved
AIUSEN
R/W
R
R
R
R/W
R
R
R
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15]
AIURST
AIU reset via software
1 : Reset
0 : Normal
D[14:5]
Reserved
Write 0 when writing. 0 is returned after a read.
D[4]
AIUMEN
MIC block operation enable, DMA enable
1 : Enable operation
0 : Disable operation
D[3:1]
Reserved
Write 0 when writing. 0 is returned after a read.
D[0]
AIUSEN
Speaker block operation enable, DMA enable
1 : Enable operation
0 : Disable operation
This register is used to enable/disable the AIU’s operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com