Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 434 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 434 Page - NEC

Back Button VR4102 Datasheet HTML 430Page - NEC VR4102 Datasheet HTML 431Page - NEC VR4102 Datasheet HTML 432Page - NEC VR4102 Datasheet HTML 433Page - NEC VR4102 Datasheet HTML 434Page - NEC VR4102 Datasheet HTML 435Page - NEC VR4102 Datasheet HTML 436Page - NEC VR4102 Datasheet HTML 437Page - NEC VR4102 Datasheet HTML 438Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 701 page
background image
CHAPTER 21 KIU (KEYBOARD INTERFACE UNIT)
434
21.2.9 SCANLINE (0x0B00 019E)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
LINE[1]
LINE[0]
R/W
R
RR
RRR
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15..2]
Reserved
Write 0 when writing. 0 is returned after a read.
D[1..0]
LINE[1..0]
SCAN pin use/do not use setting
11 :
Do not use SCAN pins for key scan
The KIU’s SCAN pins can be used as an output port.
10 :
Use eight key scan pins (KSCAN[7..0])
Key scan uses eight key scan pins (supports 64 keys)
The remaining four pins can be used as an output port.
01 :
Use ten key scan pins (KSCAN[9..0])
Key scan uses ten key scan pins (supports 80 keys)
The remaining two pins can be used as an output port.
00 :
Use twelve key scan pins (KSCAN[11..0])
Key scan uses twelve key scan pins (supports 96 keys)
No pins can be used as an output port.
This register is used to switch the number of scan lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com