Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 438 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 438 Page - NEC

Back Button VR4102 Datasheet HTML 434Page - NEC VR4102 Datasheet HTML 435Page - NEC VR4102 Datasheet HTML 436Page - NEC VR4102 Datasheet HTML 437Page - NEC VR4102 Datasheet HTML 438Page - NEC VR4102 Datasheet HTML 439Page - NEC VR4102 Datasheet HTML 440Page - NEC VR4102 Datasheet HTML 441Page - NEC VR4102 Datasheet HTML 442Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 701 page
background image
CHAPTER 22 DSIU (DEBUG SERIAL INTERFACE UNIT)
438
22.2.3 ASIM00REG (0x0B00 01A4)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
RXE0
PS0[1]
PS0[0]
CL0
SL0
Reserved
Reserved
R/W
R
R/W
R/W
R/W
R/W
R/W
R
R
RTCRST
1
0
0
0
0
0
0
0
Other resets
1
0
0
0
0
0
0
0
Bit
Name
Function
D[15:8]
Reserved
Write 0 when writing. 0 is returned after a read.
D[7]
Reserved
Write 1 when writing. 1 is returned after a read.
D[6]
RXE0
Debug serial reception enable
1 : Enable
0 : Prohibit
D[5:4]
PS0[1:0]
Debug serial parity select
11 : Even parity
10 : Odd parity
01 : Zero parity bits during transmit
No parity during receive
00 : No parity. Set to 00 for extended-bit operations
D[3]
CL0
Debug serial character length setting
1 : 8 bits
0 : 7 bits
D[2]
SL0
Debug serial stop bit setting
1 : 2 bits
0 : 1 bit
D[1:0]
Reserved
Write 0 when writing. 0 is returned after a read.
This register is used to make various serial communication settings for debugging.
The setting of RXE0 bit is reflected on the output from DRTS# pin. 0 is output when this bit is set to 1 (reception
enable), and 1 is output when this bit is set to 0 (reception prohibit).
If this register is changed during transmission or reception of serial data for debugging, the DSIU’s operations
cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com