Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 435 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 435 Page - NEC

Back Button VR4102 Datasheet HTML 431Page - NEC VR4102 Datasheet HTML 432Page - NEC VR4102 Datasheet HTML 433Page - NEC VR4102 Datasheet HTML 434Page - NEC VR4102 Datasheet HTML 435Page - NEC VR4102 Datasheet HTML 436Page - NEC VR4102 Datasheet HTML 437Page - NEC VR4102 Datasheet HTML 438Page - NEC VR4102 Datasheet HTML 439Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 701 page
background image
435
CHAPTER 22 DSIU (DEBUG SERIAL INTERFACE UNIT)
This chapter describes the DSIU’s operations and register settings.
22.1 GENERAL
The DSIU (debug serial interface unit) supports transfer rates up to 115.2 kbps. In addition to the DDIN and
DDOUT input/output pins, the DSIU supports the DCTS# and DRTS# pins that are used for hardware flow control.
22.2 REGISTER SET
The DSIU registers are listed below.
Table 22-1. DSIU Registers
Address
R/W
Register Symbols
Function
0x0B00 01A0
R/W
PORTREG
Port Change Register
0x0B00 01A2
R
MODEMREG
Modem Control Register
0x0B00 01A4
R/W
ASIM00REG
Asynchronous Mode 0 Register
0x0B00 01A6
R/W
ASIM01REG
Asynchronous Mode 1 Register
0x0B00 01A8
R
RXB0RREG
Receive Buffer Register (Extended)
0x0B00 01AA
R
RXB0LREG
Receive Buffer Register
0x0B00 01AC
R/W
TXS0RREG
Transmit Data Register (Extended)
0x0B00 01AE
R/W
TXS0LREG
Transmit Data Register
0x0B00 01B0
R
ASIS0REG
Status Register
0x0B00 01B2
R/W
INTR0REG
Debug SIU Interrupt Register
0x0B00 01B6
R/W
BPRM0REG
Baud rate Generator Prescaler Mode Register
0x0B00 01B8
R/W
DSIURESETREG
Debug SIU Reset Register
These registers are described in detail below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com