Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 439 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 439 Page - NEC

Back Button VR4102 Datasheet HTML 435Page - NEC VR4102 Datasheet HTML 436Page - NEC VR4102 Datasheet HTML 437Page - NEC VR4102 Datasheet HTML 438Page - NEC VR4102 Datasheet HTML 439Page - NEC VR4102 Datasheet HTML 440Page - NEC VR4102 Datasheet HTML 441Page - NEC VR4102 Datasheet HTML 442Page - NEC VR4102 Datasheet HTML 443Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 701 page
background image
CHAPTER 22 DSIU (DEBUG SERIAL INTERFACE UNIT)
439
22.2.4 ASIM01REG (0x0B00 01A6)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
EBS0
R/W
R
RR
RRR
R
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15:1]
Reserved
Write 0 when writing. 0 is returned after a read.
D[0]
EBS0
Extended bit operation enable
1 : Enable
0 : Prohibit
This register is used to set extended bit operations for the DSIU.
When “1” is set to the EBS0 bit, one bit is added to the 8-bit data length for transmission and reception to enable
operations using 9-bit data.
Extended-bit operations are valid only when “00” has been set to ASIM00REG’s
PS0[1:0] bit. If a value other than “00” has been set to ASIM00REG’s PS0[1:0] bit, the EBS0 bit specification is
ignored and extended-bit operations cannot be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com