Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 651 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 651 Page - NEC

Back Button VR4102 Datasheet HTML 647Page - NEC VR4102 Datasheet HTML 648Page - NEC VR4102 Datasheet HTML 649Page - NEC VR4102 Datasheet HTML 650Page - NEC VR4102 Datasheet HTML 651Page - NEC VR4102 Datasheet HTML 652Page - NEC VR4102 Datasheet HTML 653Page - NEC VR4102 Datasheet HTML 654Page - NEC VR4102 Datasheet HTML 655Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
651
SWR
Store Word Right
SWR
base
SWR
1 0 1 1 1 0
rt
offset
31
26 25
21 20
16 15
0
65
5
16
Format:
SWR rt, offset (base)
Description:
This instruction can be used with the SWL instruction to store the contents of a register into four consecutive
bytes of memory, when the bytes cross a boundary between two words. SWR stores the right portion of the
register into the appropriate part of the low-order word; SWL stores the left portion of the register into the
appropriate part of the low-order word of memory.
The SWR instruction adds its sign-extended 16-bit offset to the contents of general register base to form a virtual
address which may specify an arbitrary byte. It alters only the word in memory which contains that byte. From
one to four bytes will be stored, depending on the starting byte specified.
Conceptually, it starts at the least-significant (rightmost) byte of the register and copies it to the specified byte in
memory; then copies bytes from register to memory until it reaches the high-order byte of the word in memory.
No address error exceptions due to alignment are possible.
address 4
address 0
memory
7
6
5
4
3
2
1
0
before
after
$24
register
SWR $24, 1 ($0)
A
B
C
D
address 4
address 0
7
6
5
4
B
C
D
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com