Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 677 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 677 Page - NEC

Back Button VR4102 Datasheet HTML 673Page - NEC VR4102 Datasheet HTML 674Page - NEC VR4102 Datasheet HTML 675Page - NEC VR4102 Datasheet HTML 676Page - NEC VR4102 Datasheet HTML 677Page - NEC VR4102 Datasheet HTML 678Page - NEC VR4102 Datasheet HTML 679Page - NEC VR4102 Datasheet HTML 680Page - NEC VR4102 Datasheet HTML 681Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 677 / 701 page
background image
677
CHAPTER 28 VR4102 COPROCESSOR 0 HAZARDS
The VR4100 CPU core avoids contention of its internal resources by causing a pipeline interlock in such cases as
when the contents of the destination register of an instruction are used as a source in the succeeding instruction.
Therefore, instructions such as NOP must not be inserted between instructions.
However, interlocks do not occur on the operations related to the CP0 registers and the TLB.
Therefore,
contention of internal resources should be considered when composing a program which manipulates the CP0
registers or the TLB. The CP0 hazards define the number of NOP instructions which is required to avoid contention
of internal resources, or the number of instructions unrelated to contention. This chapter describes the CP0 hazards
of the VR4100 CPU core.
The CP0 hazards of the VR4100 CPU core are equally or less stringent than those of the VR4000; Table 28-1 lists
the Coprocessor 0 hazards of the VR4100 CPU core. Code which complies with these hazards will run without
modification on the VR4000.
The contents of the CP0 registers or the bits in the “Source” column of this table can be used as a source after
they are fixed.
The contents of the CP0 registers or the bits in the “Destination” column of this table can be available as a
destination after they are stored.
Based on this table, the number of NOP instructions required between instructions related to the TLB is computed
by the following formula, and so is the number of instructions unrelated to contention:
(Destination Hazard number of A) - [(Source Hazard number of B) + 1]
As an example, to compute the number of instructions required between an MTC0 and a subsequent MFC0
instruction, this is:
(5) - (3 + 1) = 1 instruction
The CP0 hazards do not generate interlocks of pipeline. Therefore, the required number of instruction must be
controlled by program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com