Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 679 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 679 Page - NEC

Back Button VR4102 Datasheet HTML 675Page - NEC VR4102 Datasheet HTML 676Page - NEC VR4102 Datasheet HTML 677Page - NEC VR4102 Datasheet HTML 678Page - NEC VR4102 Datasheet HTML 679Page - NEC VR4102 Datasheet HTML 680Page - NEC VR4102 Datasheet HTML 681Page - NEC VR4102 Datasheet HTML 682Page - NEC VR4102 Datasheet HTML 683Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 701 page
background image
CHAPTER 28 VR4102 COPROCESSOR 0 HAZARDS
679
Cautions 1. If the setting of the K0 bit in the Config register is changed to uncached mode by MTC0, the
accessed memory area is switched to the uncached one at the instruction fetch of the third
instruction after MTC0.
2. A stall of several instructions occurs if a jump or branch instruction is executed
immediately after the setting of the ITS bit in the Status register.
Remarks 1. The instruction following MTC0 must not be MFC0.
2. The five instructions following MTC0 to Status register that changes KSU and sets EXL and ERL
may be executed in the new mode, and not kernel mode. This can be avoided by setting EXL first,
leaving KSU set to kernel, and later changing KSU.
3. There must be two non-load, non-CACHE instructions between a store and a CACHE instruction
directed to the same primary cache line as the store.
The status during execution of the following instruction for which CP0 hazards must be considered is described
below.
(1) MTC0
Destination: The completion of writing to a destination register (CP0) of MTC0.
(2) MFC0
Source:
The confirmation of a source register (CP0) of MFC0.
(3) TLBR
Source:
The confirmation of the status of TLB and the Index register before the execution of TLBR.
Destination: The completion of writing to a destination register (CP0) of TLBR.
(4) TLBWI, TLBWR
Source:
The confirmation of a source register of these instructions and registers used to specify a TLB entry.
Destination: The completion of writing to TLB by these instructions.
(5) TLBP
Source:
The confirmation of the PageMask register and the EntryHi register before the execution of TLBP.
Destination: The completion of writing the result of execution of TLBP to the Index register.
(6) ERET
Source:
The confirmation of registers containing information necessary for executing ERET.
Destination: The completion of the processor state transition by the execution of ERET.
(7) CACHE Index Load Tag
Destination: The completion of writing the results of execution of this instruction to the related registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com