Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 683 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 683 Page - NEC

Back Button VR4102 Datasheet HTML 679Page - NEC VR4102 Datasheet HTML 680Page - NEC VR4102 Datasheet HTML 681Page - NEC VR4102 Datasheet HTML 682Page - NEC VR4102 Datasheet HTML 683Page - NEC VR4102 Datasheet HTML 684Page - NEC VR4102 Datasheet HTML 685Page - NEC VR4102 Datasheet HTML 686Page - NEC VR4102 Datasheet HTML 687Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 683 / 701 page
background image
683
CHAPTER 29 PLL PASSIVE COMPONENTS
The Phase Locked Loop circuit requires several passive components for proper operation, which are connected
to V
DDP and GNDP as illustrated in Figure 29-1.
Figure 29-1. Example of Connection of PLL Passive Components
VDD
VDDP
GNDP
GND
VR4102
R
C1
C2
C3
R
Remarks1. C1, C2, C3 capacitors and R resistors are mounted on the printed circuit board.
2. Since the value for the components depends upon the application system, the optimum
values for each system should be decided after repeated experimentation.
It is essential to isolate the analog power and ground for the PLL circuit (V
DDP/GNDP) from the regular power and
ground (V
DD/GND).
Initial evaluations have yielded good results with the following values:
R = 5
:
C1 = 1 nF
C2 = 2 nF
C3 = 10
PF
Since the optimum values for the filter components depend upon the application and the system noise
environment, these values should be considered as starting points for further experimentation within your specific
application. In addition, the chokes (inductors:
L) can be considered for use as an alternative to the resistors (R) for
use in filtering the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com