Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 685 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 685 Page - NEC

Back Button VR4102 Datasheet HTML 681Page - NEC VR4102 Datasheet HTML 682Page - NEC VR4102 Datasheet HTML 683Page - NEC VR4102 Datasheet HTML 684Page - NEC VR4102 Datasheet HTML 685Page - NEC VR4102 Datasheet HTML 686Page - NEC VR4102 Datasheet HTML 687Page - NEC VR4102 Datasheet HTML 688Page - NEC VR4102 Datasheet HTML 689Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 685 / 701 page
background image
685
APPENDIX A DIFFERENCES BETWEEN VR4102 AND VR4101
A.1 SUMMARY OF DIFFERENCES
Item
VR4102
VR4101
Cache size
Instruction: 4 Kbytes, data: 1 Kbyte
Instruction: 2 Kbytes, data: 1 Kbyte
ISA
Bus sizing
16-/8-bit dynamic bus sizing
Select 16-/8-bit bus with address spaces
interface
Bus hold
Available
Not available
I/O space
64 Mbytes
4 Mbytes
Memory space
64 Mbytes
4 Mbytes
LCD memory space
Switches between LCD mode and high-speed
memory mode
Supports only LCD mode
Max.
DRAM
capacity
(EDO type)
32 Mbytes
8 Mbytes
Max. ROM capacity
32 Mbytes
16 Mbytes
DRAM type
16 Mbits, 64 Mbits
16 Mbits
Memory
controller
ROM type
32 Mbits, 64 Mbits
16 Mbits, 32 Mbits
Power-on factor
4 factors
3 factors
DMA controller
Connected to AIU and FIR
Uses a DMA space for each page
Connected to AIU, PIU, KIU, and SIU
Uses a DMA space linearly
Timer, counter
4 channels:
24 bits x 2 (32.768 kHz)
48 bits x 1 (32.768 kHz)
25 bits x 1 (for performance test, TClock)
3 channels:
24 bits x 1 (32.768 kHz)
48 bits x 1 (32.768 kHz)
31 bits x 1 (for performance test, TClock)
Keyboard interface
Supports 64/80/96 keys
Supports up to 64 keys
Audio interface
Supports PCM input/output
On-chip D/A converter
Supports PWM/Buzz output
Touch panel interface
On-chip 10-bit A/D converter
On-chip touch panel controller
External 10/12-bit A/D converter
External touch panel controller
Serial interface
NS16650 compatible x 1
(Max. data rate: 1.152 Mbps)
NEC original x 1
(Max. data rate: 115.2 kbps Max.)
NEC original x 2
(Max. data rate: 115.2 kbps)
Ports for LED lighting
Available
Not available
MODEM interface
On-chip interface supporting software MODEM
(equivalent to PCT288I)
Not available
IrDA interface
FIR (Max. data rate: 4 Mbps)
SIR (Max. data rate: 115.2 kbps)
General-purpose I/O ports
49 Max. (including alternate-function pins)
12 Max.
Clock input
32.768 kHz (input to CG),
18.432 MHz (input to CG),
48 MHz (directly connected to on-chip IrDA
interface)
32.768 kHz (input to CG)
Package
216 pin LQFP, 224-pin FBGA
160 pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com