Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 688 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 688 Page - NEC

Back Button VR4102 Datasheet HTML 684Page - NEC VR4102 Datasheet HTML 685Page - NEC VR4102 Datasheet HTML 686Page - NEC VR4102 Datasheet HTML 687Page - NEC VR4102 Datasheet HTML 688Page - NEC VR4102 Datasheet HTML 689Page - NEC VR4102 Datasheet HTML 690Page - NEC VR4102 Datasheet HTML 691Page - NEC VR4102 Datasheet HTML 692Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 688 / 701 page
background image
APPENDIX A DIFFERENCES BETWEEN VR4102 AND VR4101
688
A.2.4 DMA
(1) Sources of DMA
The VR4102 uses DMA transfer for AIU reception, AIU transmission, and FIR transmission/reception (in priority
order). On the other hand, the VR4101 uses DMA transfer for AIU, PIU, SIU reception, SIU transmission, and
KIU (in priority order).
(2) DMA Operation
The VR4102 reloads the DMA base address every time the DMA transfer reaches page boundary. The VR4101
uses DMA address space linearly which starts at DMA base address. For more details about DMA address
manipulation, see Chapter 11.
A.2.5 ICU
(1) Sources of Interrupts
Compared with the VR4101, five interrupt sources, HSP, LED, FIR, RTC Long timer 2, and TClock counter, are
newly added in the VR4102 ICU. Three more software interrupts which are caused by setting the SOFTINTREG
register are also added. The number of interrupt factors are changed in eight interrupt sources which are SIU,
DSIU, GIU, KIU, AIU, PIU, KIU in Suspend mode, and PIU in Suspend mode.
(2) Notification to the CPU Core
In the VR4102, NMI and Int[3..0] signals are used to notify interrupt requests to the CPU core, in contrast to the
VR4101 which uses NMI and Int[1..0] signals.
A.2.6 PMU
(1) Power-On Function
Compared with the VR4101, GPIO[3..0] and GPIO[12..9] inputs are added in the VR4102 as a CPU activation
factor. Especially, GPIO[3] can be used without any settings immediately after RTCRST.
(2) BATTLOCK and CARDLOCK Notifications
No dedicated pins for BATTLOCK and CARDLOCK functions are assigned in the VR4102.
They must be
assigned to either of GPIO[12..9] pins and they are manipulated as two of GIU interrupts.
A.2.7 RTC
(1) RTC Long Timers
The VR4102 has two RTC Long timers, on the other hand the VR4101 has only one.
(2) TClock Counter
TClock counter of the VR4102 is 25-bit long which is 6 bits shorter than that of the VR4101.
TClock counter of the VR4102 is added as one of the interrupt factors, and an interrupt request occurs when its
value becomes 1. In the VR4101, no interrupt request is caused by TClock counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com