Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 691 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 691 Page - NEC

Back Button VR4102 Datasheet HTML 687Page - NEC VR4102 Datasheet HTML 688Page - NEC VR4102 Datasheet HTML 689Page - NEC VR4102 Datasheet HTML 690Page - NEC VR4102 Datasheet HTML 691Page - NEC VR4102 Datasheet HTML 692Page - NEC VR4102 Datasheet HTML 693Page - NEC VR4102 Datasheet HTML 694Page - NEC VR4102 Datasheet HTML 695Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 691 / 701 page
background image
APPENDIX A DIFFERENCES BETWEEN VR4102 AND VR4101
691
A.2.10 AIU
(1) Audio Output Mode
The PCM output is employed in the VR4102 as an audio output mode. In the VR4101, Buzzer or PWM output is
selectable.
(2) Audio Input Mode
The VR4102 has an analog audio input which is connected to the on-chip A/D converter. The VR4101 does not
support any audio inputs.
(3) Audio Data Transfer
The VR4102 uses DMA transfer to prepare PCM data in the output operation and to store sampled data in the
input operation. In the VR4101, output frequency and period for the Buzz mode are set in the AIU registers, or
output high level and low level width for the PWM mode are prepared with DMA transfer.
(4) Volume Control
Volume of the audio outputs is controlled by an external circuit or by shifting data input to D/A converter in the
VR4102. In the VR4101, four steps of audio output volume can be set in the AIUMUTEREG register and are
controlled by an external circuit based on the settings in the register.
A.2.11 KIU
(1) Number of Keys Supported
In the VR4102, the number of scan lines used is selectable among 8, 10, and 12 by setting the SCANLINE
register, which determines the number of keys enabled to either of 64, 80, or 96. The VR4102 can detect when
any of enabled keys are pressed using selected scan lines and 8 detection lines. The VR4101 can detect when
any of 64 keys are pressed using 8 scan lines and 8 detection lines.
When the VR4102 uses only 8 or 10 scan lines, the unused scan lines can be used as general-purpose output
ports. When the KIU is disabled in the VR4102, all the scan lines (KSCAN[11..0] pins) can be used as general-
purpose outputs (GPIO[43..32]).
(2) LCD Brightness Control
The VR4101 has LCD brightness control pins which are alternately used as KCSAN[1..0] pins and indicate the
contents of EVVOLREG register to specify brightness. The VR4102 has no pins for LCD brightness control.
(3) KIU Data Transfer
The VR4102 transfers KIU data by reading data buffers when an interrupt occurs, while the VR4101 transfers with
DMA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com