Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 690 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 690 Page - NEC

Back Button VR4102 Datasheet HTML 686Page - NEC VR4102 Datasheet HTML 687Page - NEC VR4102 Datasheet HTML 688Page - NEC VR4102 Datasheet HTML 689Page - NEC VR4102 Datasheet HTML 690Page - NEC VR4102 Datasheet HTML 691Page - NEC VR4102 Datasheet HTML 692Page - NEC VR4102 Datasheet HTML 693Page - NEC VR4102 Datasheet HTML 694Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 701 page
background image
APPENDIX A DIFFERENCES BETWEEN VR4102 AND VR4101
690
A.2.9 PIU
PIU of the VR4102 is greatly changed from that of the VR4101 as summarized below.
Item
VR4102
VR4101
A/D converter
On-chip (10 bits)
External (10/12 bits)
Data transfer
Transfer to buffer in PIU
DMA transfer
Data buffers
Four buffers (two pages each) for
coordinate data only
Four buffers for A/D scan
One buffer
Scan types
Coordinate data scan
Command scan
A/D scan
Coordinate data scan
Command scan
Main battery scan
Sub battery scan
A/D port scan activation states
Standby, WaitPen Touch, Interval
Standby
Panel applied voltage
stabilization standby time counter
6 bits
4 bits
Panel applied voltage during low-
voltage mode
All four touch panel pins are at low
level
All four touch panel pins are at Hi-Z
Panel state during disable state
Touch detection state
(Interrupts do not occur when CPU is
in Hibernate mode.)
All four touch panel pins are at Hi-Z
Handling of valid data when data
loss occurs
Valid data is always retained
Valid data is overwritten
Data interrupt
Three types of special-purpose
interrupts
(two coordinate data interrupts, A/D
scan interrupt, and command scan
interrupt)
Two types of page boundary
interrupts
PIUDataRdyIntr
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com