Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 687 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 687 Page - NEC

Back Button VR4102 Datasheet HTML 683Page - NEC VR4102 Datasheet HTML 684Page - NEC VR4102 Datasheet HTML 685Page - NEC VR4102 Datasheet HTML 686Page - NEC VR4102 Datasheet HTML 687Page - NEC VR4102 Datasheet HTML 688Page - NEC VR4102 Datasheet HTML 689Page - NEC VR4102 Datasheet HTML 690Page - NEC VR4102 Datasheet HTML 691Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 687 / 701 page
background image
APPENDIX A DIFFERENCES BETWEEN VR4102 AND VR4101
687
A.2.3 BCU
(1) Setting of BCU Transaction
In the VR4101, the intervals of bus transactions and the number of repetitions in the enabled BCU transaction
intervals can be selectable. This function is deleted in the VR4102.
(2) Memory Access Control
16 and 32 bits are selectable as the data bus width with DBUS32 pin at reset in the VR4102 except for ISA
memory area, on the other hand, the bus width is fixed to 16 bits in the VR4101.
Though both the VR4102 and the VR4101 can select three memory types which are DRAM, masked ROM, and
Flash memory, their memory sizes and mapping method are different as summarized below.
Memory type
VR4102
VR4101
DRAM
16M-bit/64M-bit EDO x 16 bits (access time: 60 ns)
16M-bit EDO x 16 bits (access time: 60 ns)
Masked ROM
32M-bit/64M-bit ordinary or page type x 16 bits
16-bit bus mode: selected as banks0/1 or 2/3
32-bit bus mode: selected as bank0 or 1
32M-bit ordinary or page type x 16 bits
The whole ROM space is selected
Flash memory
16-bit bus mode: selected as banks0/1 or 2/3
32-bit bus mode: selected as bank0 or 1
To use the whole ROM space can be selected
(3) LCD Space
The LCD space is used only for LCD access in the VR4101, while it can be used for either LCD access or high-
speed memory access in the VR4102.
Which of LCD or high-speed memory the LCD space is used for is
selected in BCUCNT1REG register. When high-speed memory is selected, LCDCS# pin becomes active.
The access time for LCD is selectable among 2, 4, 6, and 8 TClock cycles in both the VR4102 and the VR4101.
For high-speed memory in the VR4102, the access time is selectable among 1, 2, 3, 4, 5, 6, 7, and 8 TClock
cycles. These selections of access time are set in BCUSPEEDREG register.
When transferring LCD data, inverting the data values or not is selectable in the VR4102 and is set in
BCUCNT2REG register. On the other hand, the VR4101 always inverts the values at LCD data transfer.
(4) ISA Space
In the VR4102, the bus size is dynamically controlled at every bus cycle with IOCS# and MEMCS# pins. In the
VR4101, the bus size is fixed to 8 or 16 bits and is distinguished by the accessed address space.
(5) Others
The VR4102 has bus hold function and can make ISA, LCD, and memory interfaces into bus hold state. The
VR4101 has no bus hold function, and therefore the CPU is always master state.
Bit 11..8 and bit 3..0 of PREVIDREG register indicate the revision number of the on-chip peripheral units in both
the VR4102 and the VR4101. In addition, bit 15..12 indicates the processor revision number in the VR4102,
though it is fixed to 0 in the VR4101. The remaining bits, bit 7..4, are fixed to 0 in both processors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com