Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 693 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 693 Page - NEC

Back Button VR4102 Datasheet HTML 689Page - NEC VR4102 Datasheet HTML 690Page - NEC VR4102 Datasheet HTML 691Page - NEC VR4102 Datasheet HTML 692Page - NEC VR4102 Datasheet HTML 693Page - NEC VR4102 Datasheet HTML 694Page - NEC VR4102 Datasheet HTML 695Page - NEC VR4102 Datasheet HTML 696Page - NEC VR4102 Datasheet HTML 697Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 701 page
background image
APPENDIX A DIFFERENCES BETWEEN VR4102 AND VR4101
693
A.2.14 Newly Added Units
The VR4102 has three newly designed peripheral units as described below which the VR4101 does not have.
(1) LED
This unit is used to control lighting of an LED. This unit features as below:
• High level width (up to 2 seconds), low level width (up to 8 seconds), and the number of blink can be set
• Supports stop interrupt request
• Enabled during Standby, Suspend, and Hibernate modes
(2) HSP
This unit is used to realize a software MODEM with externally connected CODEC and DAA blocks. The HSP unit
of the VR4102 is compatible with PCT288I produced by PCTel.
The assigned functions of software and each block are as below.
Software: protocol calculation, CODEC control, error correction, and OS interface
HSP unit: serial/parallel conversion of 16-bit data, control of status pins, and FIFO buffer management
CODEC: D/A, A/D conversion and operation clock supply based on MCLK of HSP unit
DAA: interface for CODEC data and telephone circuits
(3) FIR
This unit is used for IrDA communication in high-speed data transfer. Supported transfer rates includes 0.576M,
1.152M, and 4M bps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com