Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 106 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 106 Page - NEC

Back Button VR4102 Datasheet HTML 102Page - NEC VR4102 Datasheet HTML 103Page - NEC VR4102 Datasheet HTML 104Page - NEC VR4102 Datasheet HTML 105Page - NEC VR4102 Datasheet HTML 106Page - NEC VR4102 Datasheet HTML 107Page - NEC VR4102 Datasheet HTML 108Page - NEC VR4102 Datasheet HTML 109Page - NEC VR4102 Datasheet HTML 110Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 701 page
background image
CHAPTER 4 VR4102 PIPELINE
106
(4) Trap if Less Than instruction (TLT rs, rt)
IF stage
Same as the IF stage for the ADD instruction.
RF stage
Same as the RF stage for the ADD instruction.
EX stage
ALU controls are set to do an A – B operation. The operands flow into the ALU inputs, and the
ALU operation is started. The result of the ALU operation is latched into the ALU output latch
during
)1. The sign bits of operands and of the ALU output latch are checked to determine if a
less than condition is true. If this condition is true, a Trap exception occurs. The value in the PC
register is used as an exception vector value, and from now on any instruction will be invalid.
DC stage
No operation
WB stage
The EPC register is loaded with the value of the PC if the less than condition was met in the EX
stage. The Cause register ExCode field and BD bit are updated appropriately, as is the EXL bit
of the Status register. If the less than condition was not met in the EX stage, no activity occurs in
the WB stage.
Figure 4-8. TLT Instruction Pipeline Activities
IF1
Cycle
Phase
PCycle
PClock
IF2
)2
)1
)2
)1
)2
)1
)2
)1
)2
)1
RF1
RF2
EX1
EX2
DC1
DC2
WB1
WB2
ITLB
IDC
ITC
ICA
IDEC
EX
RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com