Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 107 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 107 Page - NEC

Back Button VR4102 Datasheet HTML 103Page - NEC VR4102 Datasheet HTML 104Page - NEC VR4102 Datasheet HTML 105Page - NEC VR4102 Datasheet HTML 106Page - NEC VR4102 Datasheet HTML 107Page - NEC VR4102 Datasheet HTML 108Page - NEC VR4102 Datasheet HTML 109Page - NEC VR4102 Datasheet HTML 110Page - NEC VR4102 Datasheet HTML 111Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 701 page
background image
CHAPTER 4 VR4102 PIPELINE
107
(5) Load Word instruction (LW rt, offset (base))
IF stage
Same as the IF stage for the ADD instruction.
RF stage
Same as the RF stage for the ADD instruction. Note that the base field is in the same position as
the rs field.
EX stage
Refer to the EX stage for the ADD instruction.
For LW, the inputs to the ALU come from
GPR[base] through the bypass multiplexer and from the sign-extended offset field. The result of
the ALU operation that is latched into the ALU output latch in
)1 represents the effective virtual
address of the operand (DVA).
DC stage
The cache tag field is compared with the Page Frame Number (PFN) field of the TLB entry. After
passing through the load aligner, aligned data is placed in the DC output latch during
)2.
WB stage
During
)1, the cache read data is written into the register file addressed by the rt field.
Figure 4-9. LW Instruction Pipeline Activities
IF1
Cycle
Phase
PCycle
PClock
IF2
)2
)1
)2
)1
)2
)1
)2
)1
)2
)1
RF1
RF2
EX1
EX2
DC1
DC2
WB1
WB2
ITLB
IDC
ITC
ICA
IDEC
WB
DVA
EX
RF
DCA
DLA
DTLB
DTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com