Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 108 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 108 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 104Page - Dialog Semiconductor SLG47503 Datasheet HTML 105Page - Dialog Semiconductor SLG47503 Datasheet HTML 106Page - Dialog Semiconductor SLG47503 Datasheet HTML 107Page - Dialog Semiconductor SLG47503 Datasheet HTML 108Page - Dialog Semiconductor SLG47503 Datasheet HTML 109Page - Dialog Semiconductor SLG47503 Datasheet HTML 110Page - Dialog Semiconductor SLG47503 Datasheet HTML 111Page - Dialog Semiconductor SLG47503 Datasheet HTML 112Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
108 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
14
Power-On Reset
The SLG47502/03 has a Power-On Reset (POR) macrocell to ensure correct device initialization and operation of all macrocells
in the device. The purpose of the POR circuit is to have consistent behavior and predictable results when the VDD power is first
ramping to the device, and also while the VDD is falling during power-down. To accomplish this goal, the POR drives a defined
sequence of internal events that trigger changes to the states of different macrocells inside the device, and finally to the state of
the IOs.
14.1 GENERAL OPERATION
The SLG47502/03 is guaranteed to be powered down and non-operational when the VDD voltage (voltage on PIN1) is less than
Power-Off Threshold (see in Table 6), but not less than -0.6 V. Another essential condition for the chip to be powered down is
that no voltage higher (Note) than the VDD voltage is applied to any other PIN. For example, if VDD voltage is 0.3 V, applying a
voltage higher than 0.3 V to any other PIN is incorrect, and can lead to incorrect or unexpected device behavior.
Note: There is a 0.6 V margin due to forward drop voltage of the ESD protection diodes.
To start the POR sequence in the SLG47502/03, the voltage applied on the VDD should be higher than the Power-On Threshold
(Note). The full operational VDD range for the SLG47502/03 is 1.1 V to 1.3 V. This means that the VDD voltage must ramp up to
the operational voltage value, but the POR sequence will start earlier, as soon as the VDD voltage rises to the Power-On Thresh-
old. After the POR sequence has started, the SLG47502/03 will have a typical period of time to go through all the steps in the
sequence (noted in the datasheet for that device) and will be ready and completely operational after the POR sequence is
complete.
Note: The Power-On Threshold is defined in Table 5.
To power down the chip the VDD voltage should be lower than the operational and to guarantee that chip is powered down it
should be less than Power-Off Threshold.
All PINs are in high impedance state when the chip is powered down and while the POR sequence is taking place. The last step
in the POR sequence releases the IO structures from the high impedance state, at which time the device is operational. The pin
configuration at this point in time is defined by the design programmed into the chip. Also, as it was mentioned before the voltage
on PINs can’t be bigger than the VDD, this rule also applies to the case when the chip is powered on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com