Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 110 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 110 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 106Page - Dialog Semiconductor SLG47503 Datasheet HTML 107Page - Dialog Semiconductor SLG47503 Datasheet HTML 108Page - Dialog Semiconductor SLG47503 Datasheet HTML 109Page - Dialog Semiconductor SLG47503 Datasheet HTML 110Page - Dialog Semiconductor SLG47503 Datasheet HTML 111Page - Dialog Semiconductor SLG47503 Datasheet HTML 112Page - Dialog Semiconductor SLG47503 Datasheet HTML 113Page - Dialog Semiconductor SLG47503 Datasheet HTML 114Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
110 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
Next, only LUTs are configured. Next, all other macrocells are initialized. After macrocells are initialized, internal POR matrix
signal switches from LOW to HIGH. The last are output pins that become active and determined by the input signals.
14.3.1 Initialization
All internal macrocells by default have initial low level. Starting from indicated power-up time of 0.811 V to 1.078 V, macrocells in
SLG47502/03 are powered on while forced to the reset state. All outputs are in Hi-Z and chip starts loading data from NVM. Then
the reset signal is released for internal macrocells and they start to initialize according to the following sequence:
1.
Input pins, ACMP, Pull-up/down.
2.
LUTs.
3.
DFFs, Delays/Counters.
4.
POR output to matrix.
5.
Output pin corresponds to the internal logic.
The Vref output pin driving signal can precede POR output signal going high by 3
µs to 5 µs. The POR signal going high indicates
the mentioned power-up sequence is complete.
Note: The maximum voltage applied to any pin should not be higher than the VDD level. There are ESD Diodes between pin
→VDD and pin → GND on each pin. So, if the input signal applied to pin is higher than VDD, then current will sink through the
diode to VDD. Exceeding VDD results in leakage current on the input pin, and VDD will be pulled up, following the voltage on the
input pin.There is no effect from input pin when input voltage is applied at the same time as VDD.
Figure 96: Internal Macrocell States During POR Sequence
Unpredictable
Unpredictable
Unpredictable
Unpredictable
Unpredictable
Unpredictable
Unpredictable
VDD
Input PIN _out
to matrix
LUT/FILTER_out
to matrix
Programmable Delay_out
to matrix
DFF/LATCH/ACMP/
Edge Detector in
Filter_out to matrix
Delay_out
to matrix
POR_out
to matrix
Ext. GPO
VDD _out
to matrix
Determined by Input signals
Determined by Input signals
Starts to detect input edges
Determined by Input signals
Determined by Input signals
Starts to detect input edges
Determined by input signals
Determined by External Signal
Guaranteed HIGH before POR_GPI
Determined by input signals
OUT = IN without Delay
Determined by initial state
Determined by input signals
OUT = IN without Delay
Tri-state
t
t
t
t
t
t
t
t
t
Output State Unpredictable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com