Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 183 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 183 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 179Page - Dialog Semiconductor SLG47503 Datasheet HTML 180Page - Dialog Semiconductor SLG47503 Datasheet HTML 181Page - Dialog Semiconductor SLG47503 Datasheet HTML 182Page - Dialog Semiconductor SLG47503 Datasheet HTML 183Page - Dialog Semiconductor SLG47503 Datasheet HTML 184Page - Dialog Semiconductor SLG47503 Datasheet HTML 185Page - Dialog Semiconductor SLG47503 Datasheet HTML 186Page - Dialog Semiconductor SLG47503 Datasheet HTML 187Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
183 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
19.3 MOISTURE SENSITIVITY LEVEL
The Moisture Sensitivity Level (MSL) is an indicator for the maximum allowable time period (floor lifetime) in which a moisture
sensitive plastic device, once removed from the dry bag, can be exposed to an environment with a specified maximum
temperature and a maximum relative humidity before the solder reflow process. The MSL classification is defined in Table 38.
For detailed information on MSL levels refer to the IPC/JEDEC standard J-STD-020, which can be downloaded from http://
www.jedec.org.
The <PACKAGE_NAME> package is qualified for MSL <n>.
19.4 STQFN HANDLING
Be sure to handle STQFN package only in a clean, ESD-safe environment. Tweezers or vacuum pick-up tools are suitable for
handling. Do not handle STQFN package with fingers as this can contaminate the package pins and interface with solder reflow.
19.5 SOLDERING INFORMATION
Refer to the IPC/JEDEC standard J-STD-020 for relevant soldering information. This document can be downloaded from http://
www.jedec.org.
20
Ordering Information
The ordering number consists of the part number followed by a suffix indicating the packing method. For details and availability,
please consult Dialog Semiconductor’s customer support portal or your local sales representative.
20.1 TAPE AND REEL SPECIFICATIONS
Table 38: MSL Classification
MSL Level
Floor Lifetime
Conditions
MSL 4
72 hours
30 °C / 60 % RH
MSL 3
168 hours
30 °C / 60 % RH
MSL 2A
4 weeks
30 °C / 60 % RH
MSL 2
1 year
30 °C / 60 % RH
MSL 1
Unlimited
30 °C / 60 % RH
Part Number
Type
SLG47502V
12-pin STQFN
SLG47502VTR
12-pin STQFN - Tape and Reel (3k units)
SLG47503M
16-pin MSTQFN
SLG47503MTR
16-pin MSTQFN - Tape and Reel (3k units)
Package Type
# of
Pins
Nominal
Package Size
(mm)
Max Units
Reel &
Hub Size
(mm)
Leader (min)
Trailer (min)
Tape
Width
(mm)
Part
Pitch
(mm)
per Reel per Box
Pockets
Length
(mm)
Pockets
Length
(mm)
STQFN 12L
1.6 mm x 1.6 mm x
0.55 mm, 0.4P FCA
Green
12
1.6x1.6x0.55
3000
3000
178/60
100
400
100
400
8
4
MSTQFN 16L
1.6 mm x 1.6 mm x
0.55 mm, 0.4P FCA
Green
16
1.6x1.6x0.55
3000
3000
178/60
100
400
100
400
8
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com