Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 184 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 184 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 180Page - Dialog Semiconductor SLG47503 Datasheet HTML 181Page - Dialog Semiconductor SLG47503 Datasheet HTML 182Page - Dialog Semiconductor SLG47503 Datasheet HTML 183Page - Dialog Semiconductor SLG47503 Datasheet HTML 184Page - Dialog Semiconductor SLG47503 Datasheet HTML 185Page - Dialog Semiconductor SLG47503 Datasheet HTML 186Page - Dialog Semiconductor SLG47503 Datasheet HTML 187Page - Dialog Semiconductor SLG47503 Datasheet HTML 188Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
184 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
20.2 CARRIER TAPE DRAWING AND DIMENSIONS
Package Type
Pocket BTM
Length
(mm)
Pocket BTM
Width
(mm)
Pocket
Depth
(mm)
Index Hole
Pitch
(mm)
Pocket
Pitch
(mm)
Index Hole
Diameter
(mm)
Index Hole
to Tape
Edge
(mm)
Index Hole
to Pocket
Center
(mm)
Tape
Width
(mm)
A0
B0
K0
P0
P1
D0
E
F
W
STQFN 12L
1.6 mm x 1.6 mm x
0.55 mm, 0.4P FCA
Green
1.80
±0.05 mm
1.80
±0.05 mm
0.70
±0.05 mm
4
4
1.5
1.75
3.5
8
MSTQFN 16L
1.6 mm x 1.6 mm x
0.55 mm, 0.4P FCA
Green
1.80
±0.05 mm
1.80
±0.05 mm
0.70
±0.05 mm
4
4
1.5
1.75
3.5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com