Electronic Components Datasheet Search
  English  ▼

X  

P5021 Datasheet(PDF) 127 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 127 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 123Page - NXP Semiconductors P5021 Datasheet HTML 124Page - NXP Semiconductors P5021 Datasheet HTML 125Page - NXP Semiconductors P5021 Datasheet HTML 126Page - NXP Semiconductors P5021 Datasheet HTML 127Page - NXP Semiconductors P5021 Datasheet HTML 128Page - NXP Semiconductors P5021 Datasheet HTML 129Page - NXP Semiconductors P5021 Datasheet HTML 130Page - NXP Semiconductors P5021 Datasheet HTML 131Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
127
This table defines the SGMII 2.5x transmitter DC electrical characteristics for 3.125 GBaud.
2.20.8.1.2
SGMII DC receiver electrical characteristics
This table lists the SGMII DC receiver electrical characteristics for 1.25 GBaud. Source synchronous clocking is not supported.
Clock is recovered from the data.
This table defines the SGMII 2.5x receiver DC electrical characteristics for 3.125 GBaud.
2.20.8.2
SGMII AC timing specifications
This section discusses the AC timing specifications for the SGMII interface.
Table 89. SGMII 2.5x transmitter DC electrical characteristics (XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Output voltage
VO
–0.40
—
2.30
V
1
Differential output voltage
VDIFFPP
800
—
1600
mV p-p
—
Note:
1. Absolute output voltage limit
Table 90. SGMII DC receiver electrical characteristics (XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
DC Input voltage range
—
N/A
—
1
Input differential voltage
REIDL_CTL = 001xx
VRX_DIFFp-p
100
—
1200
mV
2, 4
REIDL_CTL = 100xx
175
—
Loss of signal threshold
REIDL_CTL = 001xx
VLOS
30
—
100
mV
3, 4
REIDL_CTL = 100xx
65
—
175
Receiver differential input impedance
ZRX_DIFF
80
—
120
Ω
—
Notes:
1. Input must be externally AC coupled.
2. VRX_DIFFp-p is also referred to as peak-to-peak input differential voltage.
3. The concept of this parameter is equivalent to the electrical idle detect threshold parameter in PCI Express. See
Section 2.20.4.4, “PCI Express DC physical layer receiver specifications,” and Section 2.20.4.5.2, “PCI Express AC physical
layer receiver specifications,” for further explanation.
4. The REIDL_CTL shown in the table refers to the chip’s SerDes control register B(1-3)GCR(lane)1[REIDL_CTL] bit field.
Table 91. SGMII 2.5x receiver DC timing specifications (XVDD = 1.5 V or 1.8 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Differential input voltage
VIN
200
900
1600
mV p-p
1
Note:
1. Measured at the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com