Electronic Components Datasheet Search
  English  ▼

X  

P5021 Datasheet(PDF) 125 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 121Page - NXP Semiconductors P5021 Datasheet HTML 122Page - NXP Semiconductors P5021 Datasheet HTML 123Page - NXP Semiconductors P5021 Datasheet HTML 124Page - NXP Semiconductors P5021 Datasheet HTML 125Page - NXP Semiconductors P5021 Datasheet HTML 126Page - NXP Semiconductors P5021 Datasheet HTML 127Page - NXP Semiconductors P5021 Datasheet HTML 128Page - NXP Semiconductors P5021 Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
125
Output differential voltage2, 3, 4
(XVDD-Typ at 1.5 V and 1.8 V)
|VOD|
320
500.0
725.0
mV
B(1-3)TECR(lane)0[AMP_RED]
=0b000000
293.8
459.0
665.6
B(1-3)TECR(lane)0[AMP_RED]
=0b000010
266.9
417.0
604.7
B(1-3)TECR(lane)0[AMP_RED]
=0b000101
240.6
376.0
545.2
B(1-3)TECR(lane)0[AMP_RED]
=0b001000
213.1
333.0
482.9
B(1-3)TECR(lane)0[AMP_RED]
=0b001100
186.9
292.0
423.4
B(1-3)TECR(lane)0[AMP_RED]
=0b001111
160.0
250.0
362.5
B(1-3)TECR(lane)0[AMP_RED]
=0b010011
Output impedance (single-ended)
RO
40
50
60
Ω
—
Notes:
1. This does not align to DC-coupled SGMII.
2. |VOD| = |VSD_TXn– VSD_TXn|. |VOD| is also referred to as output differential peak voltage. VTX-DIFFp-p = 2*|VOD|.
3. Example amplitude reduction setting for SGMII on SerDes bank 1 lane E: B1TECRE0[AMP_RED] = 0b000010 for an output
differential voltage of 459 mV typical.
4. The |VOD| value shown in the Typ column is based on the condition of XVDD_SRDSn-Typ = 1.5 V or 1.8 V, no common mode
offset variation. SerDes transmitter is terminated with 100-
Ω differential load between SD_TXn and SD_TXn.
Table 88. SGMII DC transmitter electrical characteristics (XVDD = 1.5 V or 1.8 V) (continued)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com