Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
9.3.17.3 Single-Output Multiphase Operation
To configure the LM25143 for multiphase operation (three or four phases), two LM25143 controllers are required.
See Figure 9-10. Configure the first controller (CNTRL1) as a primary and the second controller (CNTRL2) as
a secondary. To configure the second controller as a secondary, connect the MODE and FB2 pins to VDDA.
This disables both feedback error amplifiers of the secondary controller, placing them in a high-impedance state.
Connect COMP1 and COMP2 of the primary and secondary together. Connect SS1 and SS2 of the primary
and secondary together. Connect SYNCOUT of the primary controller to DEMB (SYNCIN) of the secondary. The
SYNCOUT of the primary controller is 90° out-of-phase and facilitates interleaved operation. RT is not used for
the oscillator when the LM25143 is in secondary mode but instead used for slope compensation. Therefore,
select the RT resistance to be the same as that of the primary. The oscillator is derived from the primary
controller. FPWM or DEM mode for the secondary is set by connecting its FB1 to VDDA or AGND, respectively.
FPWM or DEM mode of the primary controller is set by its DEMB pin. See Table 9-3.
The LM25143 in single-output multiphase operation does not support phase shedding when the output voltage is
set between 0.6 V to 1.5 V.
See the Benefits of a Multiphase Buck Converter White Paper and Multiphase Buck Design From Start to Finish
Application Report for more information.
Table 9-3. Single-Output Multiphase Operation
Mode
FB1 (Secondary)
FB2 (Secondary)
DEM or FPWM (Secondary)
VDDA
AGND
VDDA
DEM
VDDA
VDDA
VDDA
FPWM
CNTRL1
Primary/Secondary
VIN
SS2 RES
DEMB
AGND SS1
COMP2
PGND2
VOUT2
CS2
LO2
SW2
HO2
HB2
VIN
COMP1
PGND1
VOUT1
CS1
LO1
SW1
HO1
HB1
VCC
PG1
HOL1
LOL1
HOL2
LOL2
EN1
EN2
VCCX
RT
VDDA
PG2
SYNCOUT
LM25143
LO1
CO2
CIN
CSS
CRES1 CVDD1
LO2
CO1
RS2
RS1
RHO2
RHO1
CDITH
DITH
RRT1
CVCC2
CVCC1
FB2
FB1
MODE
VDDA
VDDA
CNTRL2
Secondary
VIN
SS2 RES
DEMB
AGND
SS1
COMP2
PGND2
VOUT2
CS2
LO2
SW2
HO2
HB2
VIN
PGND1
VOUT1
CS1
LO1
SW1
HO1
HB1
VCC
PG1
HOL1
LOL1
HOL2
LOL2
EN1
EN2
VCCX
RT
VDDA
PG2
SYNCOUT
LM25143
LO3
CO4
CIN
CRES2 CVDD2
LO4
CO3
RS4
RS3
RHO4
RHO3
DITH
RRT2
VOUT
CVCC4
CVCC3
FB2
FB1
MODE
VDDA
VDDA
COMP1
VDDA
CVCCX1
CVCCX2
CHF
RCOMP
CCOMP
Figure 9-10. Multiphase Regulator Schematic Configured for Single-Output Interleaved Operation
Note
A design with five or more phases (using three or more LM25143 controllers) is feasible when
appropriately phase-shifted clock signals are available. For example, a 6-phase design requires
three LM25143 controllers with 0°, 60°, and 120° external SYNC signals to achieve the ideal phase
separation of 360° divided by the total number of phases.
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com