Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
• tOFF(min) is the minimum off time of 60 ns.
9.3.6 Clock Synchronization (DEMB)
To synchronize the LM25143 to an external source, apply a logic-level clock signal (greater than 2 V) to DEMB.
The LM25143 can be synchronized to ±20% of the programmed frequency up to a maximum of 2.5 MHz. If there
is an RT resistor and a synchronization signal, the LM25143 ignores the RT resistor and synchronizes to the
external clock. Under low VIN conditions when the minimum off time is reached, the synchronization signal is
ignored, allowing the switching frequency to reduce to maintain output voltage regulation.
9.3.7 Synchronization Out (SYNCOUT)
The SYNCOUT voltage is a logic level signal with a rising edge approximately 90° lagging HO2 (or 90° leading
HO1). When the SYNCOUT signal is used to synchronize a second LM25143 controller, all four phases are 90°
out of phase.
9.3.8 Spread Spectrum Frequency Modulation (DITH)
The LM25143 provides a frequency dithering option that is enabled by connecting a capacitor from DITH to
AGND. This generates a triangular voltage centered at 1.2 V at DITH. See Figure 9-2. The triangular waveform
modulates the oscillator frequency by ±5% of the nominal frequency set by the RT resistance. Use Equation 3
to calculate the required DITH capacitance to set the modulating frequency, FMOD. For the dithering circuit to
effectively attenuate the peak EMI, the modulation rate must be less than 20 kHz for proper operation of the
clock circuit.
(3)
DITH
C
DITH
AGND
1.25 V
1.15 V
1.2 V
Figure 9-2. Switching Frequency Dithering
If DITH is connected to VDDA during power up, the dither feature is disabled and cannot be enabled unless VCC
is recycled below the VCC UVLO threshold. If DITH is connected to AGND on power up, CDITH is prevented from
charging, disabling dither. Also, dither is disabled when the LM25143 is synchronized to an external clock.
9.3.9 Configurable Soft Start (SS1, SS2)
The soft-start feature allows the regulator to gradually reach the steady-state operating point, thus reducing
start-up stresses and surges.
The LM25143 features an adjustable soft start that determines the charging time of the output or outputs.
Soft-start limits inrush current as a result of high output capacitance to avoid an overcurrent condition. Stress on
the input supply rail is also reduced.
The LM25143 regulates the FB voltage to the SS voltage or the internal 600-mV reference, whichever is lower.
At the beginning of the soft-start sequence when the SS voltage is 0 V, the internal 21-μA soft-start current
source gradually increases the voltage on an external soft-start capacitor connected to the SS pin, resulting in a
gradual rise of the relevant FB and output voltages. Use Equation 4 to calculate the soft-start capacitance.
LM25143
SNVSC10 – MARCH 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com