Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
DBST, and bootstrap capacitor, CBST. See Figure 9-7. During the conduction interval of the low-side MOSFET, the
SW voltage is approximately 0 V and CBST is charged from VCC through DBST. TI recommends a 0.1-μF ceramic
capacitor connected with short traces between the applicable HB and SW pins.
The LO and HO outputs are controlled with an adaptive dead-time methodology so that both outputs (HO and
LO) are never enabled at the same time, preventing cross conduction. When the controller commands LO to be
enabled, the adaptive dead-time logic first disables HO and waits for the HO-SW voltage to drop below 2.5 V
(typical). LO is then enabled after a small delay (HO fall to LO rising delay). Similarly, the HO turn-on is delayed
until the LO voltage has dropped below 2.5 V. HO is then enabled after a small delay (LO falling to HO rising
delay). This technique ensures adequate dead time for any size N-channel MOSFET component or parallel
MOSFET configurations.
Caution is advised when adding series gate resistors, as this can decrease the effective dead time. Each of
the high-side and low-side drivers has an independent driver source and sink output pins. This allows the
user to adjust drive strength to optimize the switching losses for maximum efficiency and control the slew rate
for reduced EMI signature. The selected N-channel high-side MOSFET determines the appropriate bootstrap
capacitance values, CBST, in Figure 9-7 according to Equation 14.
G
BST
BST
Q
C
V
'
(14)
where
• QG is the total gate charge of the high-side MOSFET at the applicable gate drive voltage.
• ΔVBST is the voltage variation of the high-side MOSFET driver after turn-on.
To determine CBST, choose ΔVBST so that the available gate drive voltage is not significantly impacted. An
acceptable range of ΔVBST is 100 mV to 300 mV. The bootstrap capacitor must be a low-ESR ceramic capacitor,
typically 0.1 µF. Use high-side and low-side MOSFETs with logic level gate threshold voltages.
HB
HO
VIN
VOUT
GND
VCC
Low-side
gate driver
High-side
gate driver
CBST
CIN
CO
Q1
LO
HOL
VCC
LO
PGND
CVCC
Q2
LOL
SW
RHO
DBST
RHOL
RLO
Figure 9-7. Integrated MOSFET Gate Drivers
LM25143
SNVSC10 – MARCH 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com