Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
10.2.3 Design 3 – Two-Phase, 50-A, 300-kHz Single-Output Buck Regulator for ASIC Power Applications
Figure 10-24 shows the schematic diagram of a single-output, two-phase synchronous buck regulator with an
output voltage of 5 V. The expected DC load current is 35 A with transients up to 50 A. In this example, the
target efficiency at 35 A is 96% using a power stage optimized for a nominal input voltage of 24 V. The switching
frequency is set at 300 kHz by resistor RRT, and inductor DCR current sensing is used to mitigate shunt-related
losses at high current. The 5-V output is connected to VCCX to reduce IC bias power dissipation and improve
light-load efficiency. An output voltage of 3.3 V is also feasible simply by connecting FB1 to VDDA.
VIN = 18 V...36 V
(24 V nom)
SS2 RES
DEMB
AGND SS1
COMP2
PGND2
VOUT2
CS2
LO2
SW2
HO2
HB2
VIN
COMP1
PGND1
VOUT1
CS1
LO1
SW1
HO1
HB1
VCC
PG1
HOL1
LOL1
HOL2
LOL2
EN1
EN2
VCCX
RT
VDDA
PG2
SYNCOUT
VIN
VIN
LM25143
LO1
CO2
CIN
CSS
CRES
CVDDA
LO2
CO1
RS2
Q2
Q1
Q4
Q3
CDITH
DITH
RRT
0.47 F
6
10 F
6
10 nF
4
47 F
10 nF
1.5 H
4
47 F
10 k
1.5 H
2.2 F
73.2 k
RC1
CC1
6.8 nF
4.99 k
CVCC2
2.2 F
CVCC1
CVCCX
2.2 F
DB1
0.1 F
CBST1
0.1 F
CBST2
DB2
0.47 F
FB1
FB2 MODE
VDDA
CS2
0.1 F
RS1
10 k
CS1
0.1 F
0.1 F
CC2
150 pF
220 F
CO(BULK)
CIN(BULK)
LIN
1.5 H
CF
2
10 F
100 F
VOUT = 5 V
IOUT = 35 A (TDC)
= 50 A (EDC)
VDDA
Figure 10-24. Application Circuit 3 With LM25143 Two-Phase Buck Regulator at 300 kHz
10.2.3.1 Design Requirements
Table 10-6 shows the intended input, output, and performance parameters for this design example.
Table 10-6. Design Parameters
Design Parameter
Value
Nominal input voltage
24 V
Input voltage range (steady state)
18 V to 36 V
Output voltage
5 V
Thermal design current (TDC)
35 A
Electrical design current (EDC)
50 A
Switching frequency
300 kHz
Output voltage regulation
±1%
Shutdown current
4 µA
The switching frequency is set at 300 kHz by resistor RRT. In terms of control loop performance, the target loop
crossover frequency is 45 kHz with a phase margin greater than 50°. The output voltage soft-start time is set at
3 ms by a 100-nF soft-start capacitor. FPWM operation provides constant switching frequency over the full load
current range for predictable EMI performance and optimal load transient response.
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com