Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 1 Page - Texas Instruments

  LM5145 Datasheet HTML 1Page - Texas Instruments LM5145 Datasheet HTML 2Page - Texas Instruments LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Versatile synchronous buck DC/DC controller
– Wide input voltage range of 3.5 V to 42 V
– 1% accurate, fixed 3.3-V, 5-V, or adjustable
outputs from 0.6 V to 36 V
– 150°C maximum junction temperature
– 4-µA typical shutdown mode current
– 15-µA typical no-load standby current
• Two interleaved synchronous buck channels
– Dual channel or single-output multiphase
– 65-ns tON(min) for high VIN/VOUT ratio
– 60-ns tOFF(min) for low dropout
• Inherent protection features for robust design
– Shunt or inductor DCR current sensing
– Hiccup mode overcurrent protection
– Independent ENABLE and PGOOD functions
– Adjustable output voltage soft start
– VCC, VDDA, and gate-drive UVLO protection
– Thermal shutdown protection with hysteresis
• Optimized for CISPR 11 and CISPR 32 class B
conducted and radiated EMI requirements
– Slew-rate controlled adaptive gate drivers
– Spread spectrum reduces peak emissions
• 100-kHz to 2.2-MHz switching frequency
– SYNC in and SYNC out capability
– Selectable diode emulation or FPWM modes
• 6-mm × 6-mm VQFN-40 package
• Create a custom design using the LM25143 with
WEBENCH® Power Designer
2 Applications
• Personal electronics: computer peripherals
• Industrial: 24-V bus systems, factory automation
and control, robotics, power delivery
• Enterprise systems: high-performance computing
3 Description
The LM25143 is a 42-V DC/DC synchronous buck
controller for high-current single or dual outputs.
Deriving from a family of wide-VIN range controllers,
the device uses an interleaved, stackable, peak
current-mode control architecture for easy loop
compensation, fast transient response, excellent load
and line regulation, and accurate current sharing with
paralleled phases for higher output current. A high-
side switch minimum on time of 65 ns provides large
step-down ratios, enabling the direct conversion from
12-V or 24-V inputs to low-voltage rails for reduced
system complexity and cost. The LM25143 continues
to operate during input voltage dips as low as 3.5 V, at
nearly 100% duty cycle if needed.
The 15-μA no-load quiescent current with the output
voltage in regulation extends operating run-time in
battery-powered systems. Power the LM25143 from
the output of the switching regulator or another
available source for even lower input quiescent
current and power loss.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
LM25143
VQFN (40)
6.00 mm × 6.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
V
IN = 3.5 V...42 V
SS2
RES
DEMB
AGND SS1
COMP2
PGND2
VOUT2
CS2
LO2
SW2
HO2
HB2
VIN
COMP1
PGND1
VOUT1
CS1
LO1
SW1
HO1
HB1
VCC
PG1
HOL1
LOL1
HOL2
LOL2
EN1
EN2
VCCX
RT
VDDA
PG2
SYNCOUT
VIN
VIN
V
OUT1 = 3.3 V
LM25143
* V
OUT1 tracks VIN if VIN < 3.7 V
V
OUT2 tracks VIN if VIN < 5.4 V
L
O1
C
O2
C
IN
L
O2
C
O1
R
S2
R
S1
Q
L1
Q
H1
Q
L2
Q
H2
DITH
FB2
FB1
MODE
VDDA
I
OUT1 = 12 A
V
OUT2 = 5 V
I
OUT2 = 10 A
High-Efficiency Dual Step-Down Regulator
LM25143
SNVSC10 – MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5145 TI-LM5145 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145 TI-LM5145 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145 TI-LM5145 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM5145 TI1-LM5145 Datasheet
3Mb / 60P
LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results

Similar Description - LM5145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25141-Q1 TI1-LM25141-Q1 Datasheet
2Mb / 49P
2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
LM25149 TI-LM25149 Datasheet
2Mb / 49P
LM25149 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25149-Q1 TI-LM25149-Q1 Datasheet
3Mb / 51P
LM25149-Q1 42-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25148-Q1 TI-LM25148-Q1 Datasheet
5Mb / 53P
LM25148-Q1 42-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
LM25148 TI-LM25148 Datasheet
5Mb / 64P
LM25148 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
DECEMBER 2021
LM5143 TI-LM5143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25143-Q1 TI-LM25143-Q1 Datasheet
3Mb / 70P
LM25143-Q1 Automotive 3.5-V to 42-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
LM5143A-Q1 TI-LM5143A-Q1 Datasheet
3Mb / 69P
LM5143A-Q1 Automotive 3.5-V to 65-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
LM25148-Q1 TI1-LM25148-Q1_V01 Datasheet
5Mb / 66P
LM25148-Q1 42-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
REVISED FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com