Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted), typical values
correspond to TJ = 25℃, VVIN = 12 V, VVCCX = 5 V, VVOUT1 = 3.3 V, VVOUT2 = 5 V, VEN1 = VEN2 = 5 V, RRT = 10 kΩ, FSW = 2.2
MHz, no load on the drive outputs (HO1, HOL1, LO1, LOL1, HO2, HOL2, LO2, and LOL2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tAWAKE-FILTER
Maximum SYNC period to maintain
standby state
VEN1 = VEN2 = 0 V
27
µs
SYNCHRONIZATION OUTPUT (SYNCOUT)
VSYNCOUT-LO SYNCOUT low-state voltage
ISYNCOUT = 16 mA
0.8
V
FSYNCOUT
SYNCOUT frequency
MODE = FB2 = VDDA
0
Hz
tSYNCOUT1
Delay from HO2 rising edge to
SYNCOUT rising edge
VDEMB = 0 V, TS = 1/FSW, FSW set by RRT = 220
kΩ
2.5
µs
tSYNCOUT2
Delay from HO2 rising edge to
SYNCOUT falling edge
VDEMB = 0 V, TS = 1/FSW, FSW set by RRT =
220 kΩ
7.5
µs
DITHER (DITH)
IDITH
Dither source/sink current
21
µA
VDITH-HIGH
Dither high-level threshold
1.25
V
VDITH-LOW
Dither low-level threshold
1.15
V
SOFT START (SS1, SS2)
ISS
Soft-start current
VMODE = 0 V
16
21
28
µA
RSS-PD
Soft-start pulldown resistance
VMODE = 0 V
3
Ω
VSS-FB
SS to FB clamp voltage
VCS – VVOUT > 73 mV
130
mV
ISS-SECOND
SS leakage, secondary mode
VSS = 0.8 V, MODE = FB2 = VDDA
30
nA
ISS-INTLV
SS2 leakage, interleaved mode
VSS = 0.8 V, MODE = VDDA, VFB2 = 0 V
21
nA
THERMAL SHUTDOWN
TSHD
Thermal shutdown
175
°C
TSHD-HYS
Thermal shutdown hysteresis
15
°C
8.6 Switching Characteristics
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted). Typical values
correspond to TJ = 25℃, VVIN = 12 V, VVCCX = 5 V, VVOUT1 = 3.3 V, VVOUT2 = 5 V, VEN1 = VEN2 = 5 V, RRT = 10 kΩ, FSW = 2.2
MHz, no load on the gate driver outputs (HO1, HOL1, LO1, LOL1, HO2, HOL2, LO2, and LOL2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FSW1
Switching frequency 1
RRT = 100 kΩ
195
220
245
kHz
FSW2
Switching frequency 2
RRT = 10 kΩ
2.2
MHz
FSW3
Switching frequency 3
RRT = 220 kΩ
100
kHz
SLOPE1
Internal slope compensation 1
RRT = 10 kΩ
557
mV/µs
SLOPE2
Internal slope compensation 2
RRT = 100 kΩ
64
mV/µs
tOFF(min)
Minimum off time
80
105
ns
PHHO1-HO2
Phase between HO1 and HO2
DEMB = MODE = AGND
180
°
LM25143
SNVSC10 – MARCH 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com