Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
86
88
90
92
94
96
98
100
D016
Rising
Falling
Figure 8-13. PG UV Thresholds Versus
Temperature
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
100
102
104
106
108
110
112
114
D016
Rising
Falling
Figure 8-14. PG OV Thresholds Versus
Temperature
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
4.7
4.8
4.9
5
5.1
5.2
5.3
D005
IVCC = 0mA
IVCC = 100mA
Figure 8-15. VCC Regulation Voltage Versus
Temperature
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
2.9
3
3.1
3.2
3.3
3.4
D007
Rising
Falling
Figure 8-16. VCC UVLO Thresholds Versus
Temperature
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
100
150
200
250
300
350
D010
Figure 8-17. VCC Current Limit Versus
Temperature
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
4.7
4.8
4.9
5
5.1
5.2
5.3
D008
Figure 8-18. VDDA Regulation Voltage Versus
Temperature
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com