Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
10.2.1.1 Design Requirements
Table 10-2 shows the intended input, output, and performance parameters for this design example.
Table 10-2. Design Parameters
Design Parameter
Value
Input voltage range (steady state)
8 V to 18 V
Min transient input voltage (cold crank)
3.5 V
Max transient input voltage (load dump)
36 V
Output voltages
3.3 V, 5 V
Output currents
7 A
Switching frequency
2.1 MHz
Output voltage regulation
±1%
Standby current, output 1 enabled, no load
< 50 µA
Shutdown current
4 µA
The switching frequency is set at 2.1 MHz by resistor RRT. In terms of control loop performance, the target loop
crossover frequency is 60 kHz with a phase margin greater than 50°. The output voltage soft-start times are set
at 2 ms by 68-nF soft-start capacitors.
The selected buck regulator powertrain components are cited in Table 10-3, and many of the components are
available from multiple vendors. The MOSFETs in particular are chosen for both lowest conduction and switching
power loss, as discussed in detail in Section 10.1.1.4. This design uses a low-DCR, metal-powder composite
inductor, and ceramic output capacitor implementation.
Table 10-3. List of Materials for Application Circuit 1
Ref Des
Qty
Specification
Manufacturer(1)
Part Number
CIN
4
10 µF, 50 V, X7R, 1210, ceramic
Taiyo Yuden
UMJ325KB7106KMHT
10 µF, 50 V, X7S, 1210, ceramic
Murata
GCM32EC71H106KA03
TDK
CGA6P3X7S1H106M
CO
8
47 µF, 6.3 V, X7R, 1210, ceramic
Murata
GCM32ER70J476KE19L
Taiyo Yuden
JMK325B7476KMHTR
47 µF, 6.3 V, X7S, 1210, ceramic
TDK
CGA6P1X7S0J476M
LO1, LO2
2
0.68 µH, 4.8 mΩ, 25 A, 7.3 × 6.6 × 2.8 mm
Würth Elektronik
744373460068
0.68 µH, 4.5 mΩ, 22 A, 6.95 × 6.6 × 2.8 mm
Cyntec
VCMV063T-R68MN2T
0.68 µH, 3.1 mΩ, 20 A, 7 × 6.9 × 3.8 mm
Würth Elektronik
744311068
0.68 µH, 7.4 mΩ, 12.2 A, 5.4 × 5.0 × 3 mm
TDK
SPM5030VT-R68-D
0.68 µH, 2.9 mΩ, 15.3 A, 6.7 × 6.5 × 3.1 mm
Coilcraft
XGL6030-681
Q1, Q2, Q3, Q4
4
40 V, 5.7 mΩ, 9 nC, SON 5 × 6
Infineon
IPC50N04S5L-5R5
RS1, RS2
2
Shunt, 7 mΩ, 0508, 1 W
Susumu
KRL2012E-M-R007
U1
1
LM25143 42-V dual-channel/phase synchronous buck controller
Texas Instruments
LM25143RHAR
(1)
See the Third Party Products Disclaimer.
10.2.1.2 Detailed Design Procedure
10.2.1.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the LM25143 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com