Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted), typical values
correspond to TJ = 25℃, VVIN = 12 V, VVCCX = 5 V, VVOUT1 = 3.3 V, VVOUT2 = 5 V, VEN1 = VEN2 = 5 V, RRT = 10 kΩ, FSW = 2.2
MHz, no load on the drive outputs (HO1, HOL1, LO1, LOL1, HO2, HOL2, LO2, and LOL2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPG-RISE-DLY
OV filter time
VOUT rising
25
µs
tPG-FALL-DLY
UV filter time
VOUT falling
22
µs
HIGH-SIDE GATE DRIVER (HO1, HO2, HOL1, HOL2)
VHO-LOW
HO low-state output voltage
IHO = 100 mA
0.04
V
VHO-HIGH
HO high-state output voltage
IHO = –100 mA, VHO-HIGH = VHB – VHO
0.09
V
tHO-RISE
HO rise time (10% to 90%)
CLOAD = 2.7 nF
24
ns
tHO-FALL
HO fall time (90% to 10%)
CLOAD = 2.7 nF
24
ns
IHO-SRC
HO peak source current
VHO = VSW = 0 V, VHB = 5 V, VVCCX = 5 V
3.25
A
IHO-SINK
HO peak sink current
VVCCX = 5 V
4.25
A
VBT-UV
BOOT UVLO
VVCC falling
2.45
V
VBT-UV-HYS
BOOT UVLO hysteresis
113
mV
IBOOT
BOOT quiescent current
1.25
µA
LOW-SIDE GATE DRIVER (LO1, LO2, LOL1, LOL2)
VLO-LOW
LO low-state output voltage
ILO = 100 mA
0.04
V
VLO-HIGH
LO high-state output voltage
ILO = –100 mA
0.07
V
tLO-RISE
LO rise time (10% to 90%)
CLOAD = 2.7 nF
4
ns
tLO-FALL
LO fall time (90% to 10%)
CLOAD = 2.7 nF
3
ns
ILO-SOURCE
LO peak source current
VHO = VSW = 0 V, VHB = 5 V, VVCCX = 5 V
3.25
A
ILO-SINK
LO peak sink current
VVCCX = 5 V
4.25
A
RESTART (RES)
IRES-SRC
RES current source
20
µA
VRES-TH
RES threshold
1.2
V
HICCYCLES
HICCUP mode fault
512
cycles
RRES-PD
RES pulldown resistance
5.7
Ω
OUTPUT VOLTAGE SETPOINT (VOUT1, VOUT2)
VOUT33
3.3-V output voltage setpoint
FB = VDDA, VIN = 3.5 V to 65 V
3.267
3.3
3.335
V
VOUT50
5-V output voltage setpoint
FB = AGND, VIN = 5.5 V to 65 V
4.95
5
5.05
V
FEEDBACK (FB1, FB2)
VFB-3V3-SEL
VOUT select threshold 3.3-V output
4.6
V
RFB-5V
Resistance FB to AGND for 5-V
output
VMODE = 0 V or RMODE = 10 kΩ
500
Ω
RFB-EXTRES
Thevenin equivelent resistance
VMODE = 0 V or RMODE = 10 kΩ, VFB < 2 V
5
kΩ
VFB2-LOW
Primary mode select logic level low
MODE = VDDA
0.8
V
VFB2-HIGH
Primary mode select logic level high
MODE = VDDA
2
V
VFB1-LOW
Diode emulation logic level low
in secondary mode
MODE = FB2 = VDDA
0.8
V
VFB1-HIGH
FPWM logic level high in secondary
mode
MODE = FB2 = VDDA
2
V
VFB-REG
Regulated feedback voltage
TJ = –40°C to 125°C
0.594
0.6
0.606
V
ERROR AMPLIFIER (COMP1, COMP2)
gm1
EA transconductance
FB to COMP, RMODE < 5 kΩ to AGND
1020
1200
µs
gm2
EA transconductance, ultra-low IQ
mode
MODE = GND, RMODE = 10 kΩ
65
µs
IFB
Error amplifier input bias current
30
nA
VCOMP-CLMP COMP clamp voltage
VFB = 0 V
3.3
V
LM25143
SNVSC10 – MARCH 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com